PART |
Description |
Maker |
PA-1001A1AP1Y PA1001A PCA-121P3Z PA-1001A PA-1001A |
Signal Conditioners / Converters Instalation / Operation Manual SIGNAL CONDITIONER & CONVERTERS DEM9PH SIGNAL CONDITIONER & CONVERTERS 信号调理 PT 8C 8#16 SKT PLUG 信号调理
|
Flowmetrics http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
HI1-574AJD-5 HI3-574AKN-5 HI3-574AKN-5Z HI3-574AJN |
Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface Complete, 12-Bit A/D Converters with Microprocessor Interface; Temperature Range: See Datasheet; Package: 28-PDIP SUCCESSIVE APPROXIMATION ADC, PDIP28
|
Intersil Corporation Intersil, Corp.
|
AD578L AD578LD AD578LN AD578JD AD578JN AD579KN AD5 |
VERY FAST, COMPLETE 10- OR 12-BIT A/D CONVERTERS 2-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 Enhanced, 1.8V, PCI-Express Compliant, 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable VERY FAST/ COMPLETE 10- OR 12-BIT A/D CONVERTERS Very Fast,Complete 10-or 12-Bit A/D Converters(完备2位A/D转换 速度非常快,完整02位A / D转换器(完备2位的A / D转换器) Very Fast,Complete 10-or 12-Bit A/D Converters(完备0位A/D转换 速度非常快,完整02位A / D转换器(完备0位的A / D转换器) 0-20V; very fast, complete 12-bit A/D converter
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
SIL15-05SADJ-V SIL15-12SADJ-V SIL15 |
DC/DC CONVERTERS 15A Non-Isolated DC/DC Converters
|
Emerson Network Power
|
MAX138 MAX138CMH MAX138CPL MAX138CQH MAX138EPL MAX |
3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter From old datasheet system 3Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter TRANS DARL NPN 40V SMD SOT23 SWITCH, MJTP1162A, PB, SPST, SMD 3??igit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 18-Bit Bus Transceivers With 3-State Outputs 56-SSOP -40 to 85
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
TEL154822 TEL154823 TEL152410 TEL152411 TEL152412 |
DC/DC Converters DC/DC Converters DC/DC Converters - TEL 15 Series, 15 Watt
|
TRACO Electronic AG
|
719-0401-01 719-0400-01 717-0501-01 |
200mA Step-Up Converters in 6-Pin SOT23 and TDFN STECKER EINBAU XLR AUDIO SCHWARZ 4POLIG Wide-Input 0.6V Shunt Regulators for Isolated DC-DC Converters STECKER EINBAU XLR音频POLIG
|
TE Connectivity, Ltd.
|
TCM828 TCM828ECT TCM829 TCM829ECT TCM828ECT713 |
Switched Capacitor Voltage Converters The TCM828/829 are CMOS "charge-pump" voltage converters in ultra-small 5-Pin SOT-23A packages. They invert and/or double an input voltage which can range from 1.5V to 5.5V. Conversion efficiency is typically >95%. Switching frequency
|
http:// MICROCHIP[Microchip Technology]
|
CS5014-BL14 CS5014-BL14Z CS5016 CS5016-BL16 CS5012 |
16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS 16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PQCC44
|
Cirrus Logic, Inc.
|
T7-2S1212N T7-2S1215N T7-2S1205N T7-2S2405N T7-2D1 |
DC/DC CONVERTERS DC/DC CONVERTERS 14-Pin DIP, Unregulated 2 Watt
|
Tumbler Technologies TRUMPower Tumbler Technologies ...
|