PART |
Description |
Maker |
PN4118TO-92 |
an Ultra-High Input Impedance N-Channel JFET Linear Systems replaces discontinued Siliconix PN4118
|
Micross Components
|
2SK246 |
N CHANNEL JUNCTION TYPE (FOR CONSTANT CURRENT/ IMPEDANCE CONVERTER AND DC-AC HIGH INPUT IMPEDANCE AMPLIFIER CIRCUIT APPLICATIONS)
|
Toshiba Semiconductor
|
HS2-2620RH-Q HS-2620RH HS-2622RH HS2-2622RH-Q HS7B |
Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers OP-AMP, 6000 uV OFFSET-MAX, MBCY8 Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers OP-AMP, 100 MHz BAND WIDTH, CDIP8 Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers OP-AMP, 4000 uV OFFSET-MAX, 100 MHz BAND WIDTH, CDIP8 Radiation Hardened/ Very Wideband/ High Input Impedance Uncompensated Operational Amplifiers Radiation Hardened, Very Wideband, High
Input Impedance Uncompensated
Operational Amplifiers(抗辐射、宽带、高输入阻抗、低输入偏置电流非补偿性运算放大器)
|
Intersil, Corp. Intersil Corporation
|
PS25101 |
EPIC Ultra High Impedance ECG Sensor EPIC ULTRA HIGH IMPEDANCE ECG SENSOR ADBANCE INFORMATION
|
List of Unclassifed Manufacturers
|
HS-22620RH HS-2620RH HS-2622RH |
Op Amp, Dual, Wideband, High Input Impedance Uncompensated, 100MHz, 20V/s, Rad-Hard Op Amp, Single, 80MHz, 20V/s, Rad-Hard, 500MΩ Input Impedance Op Amp, Single, 80MHz, 20V/s, Rad-Hard, 65MΩ Input Impedance
|
Intersil
|
PS25202 |
EPIC Ultra High Impedance ECG Sensor Advance Information EPIC ULTRA HIGH IMPEDANCE ECG SENSOR ADBANCE IMFORMATION
|
List of Unclassifed Man...
|
HA2-2529-2 HA2-2529-5 HA7-2529-5 |
20MHz, High Input Impedance, High Slew Rate Operational Amplifier
|
Intersil Corporation
|
PS25405B |
EPIC ULTRA HIGH IMPEDANCE MOVEMENT SENSOR ADVANCE DATASHEET
|
List of Unclassifed Manufacturers
|
PF5301 LS5301 |
VERY HIGH INPUT IMPEDANCE N-CHANNEL JFET
|
LINEAR[Linear Integrated Systems]
|
HA2620 |
(HA2625) 100Mhz High Input Impedance Amplifiers
|
Intersil
|