PART |
Description |
Maker |
MC26LS30DR2G MC26LS3005 MC26LS30DG MC26LS30DR2 MC2 |
Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
|
ONSEMI[ON Semiconductor]
|
B82498-B3569-M B82498-B3279-M B82498-B3689-K |
Size 0805 (EIA) and/or 2012 (IEC) Rated inductance 2,7 to 4700 nH Rated current 90 to 1000 mA 尺寸0805(EIA)和/012年(IEC)的额定电感2,7700 nH的额定电0一○○○毫
|
EPCOS AG
|
MC26LS30 MC26LS30D MC26LS30DR2 MC26LS30-D |
Dual Differential (EIA-422-A)/ Quad Single-Ended (EIA-423-A) Line Drivers Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
|
ONSEMI[ON Semiconductor]
|
ADM3485E ADM3485EAN ADM3485EAR ANALOGDEVICESINC.-A |
ESD Protected, EMC Compliant, 3.3V, 20 Mbps, EIA RS-485 Transceiver ESD Protected/ EMC Compliant/ 3.3 V/ 20 Mbps/ EIA RS-485 Transceiver ESD Protected, EMC Compliant, 3.3 V, 20 Mbps, EIA RS-485 Transceiver ESD保护,EMC的兼容,3.3伏,20 Mbps的环境影响评估的RS - 485收发
|
AD[Analog Devices] Analog Devices, Inc.
|
TF-61602 TF-81615 |
Icolation and ompedance matching the requirements of IEEE 802.3 for 10 Base-T Icolation和ompedance匹配10中的要求的IEEE 802.3 - T (TF-61602 / TF-81615) Icolation and ompedance matching the requirements of IEEE 802.3 for 10 Base-T
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
AFL12005DZ/HB AFL12015DW/HB AFL12005DX/HB AFL12005 |
3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver; Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C 3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C 3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C DC to DC Converter DC至DC转换 DC to DC Converter DCDC转换 Hi-Rel DC-DC Standard Dual Converter in a AFL package 高可靠性的DC - DC标准在冬季两项包双转换器
|
International Rectifier, Corp. Toshiba, Corp. TE Connectivity, Ltd.
|
ICX254AL |
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
|
SONY[Sony Corporation]
|
IRFE420-15 |
Simple Drive Requirements
|
International Rectifier
|
IRHLNA797064-15 |
Simple Drive Requirements
|
International Rectifier
|
IRFN054 IRFN054-15 |
Simple Drive Requirements
|
International Rectifier
|
IRHLNM77110 IRHLNM77110-15 |
Simple Drive Requirements
|
International Rectifier
|