PART |
Description |
Maker |
VR25000001503JA500 VR25000001503KN400 VR2500000150 |
High Ohmic/High Voltage Resistors 高欧高压电阻
|
Vishay Intertechnology, Inc.
|
HPS |
High Ohmic Value (up to 1.5 G?, High Power Resistors (up to 10 W at 25 °C) Thick Film
|
Vishay Siliconix
|
SXA |
Standard Metal Oxide Resistors, Rugged metal oxide film, High temperature coating, Used in applications with high endurance demands
|
Vishay
|
SMM0207 |
Stable Metal Film on High Quality Ceramic, Force Fitted Steel Caps, Tin Plated on Nickel Barrier, High Power Rating, Good Thermal Distribution, Reliable Solderable Terminations to Facilitate Surface Mounting Metal Film, Cylindrical Resistors
|
Vishay Siliconix
|
TX2-12V |
TX-relay. 2 Amp. High capacity relay with high surge voltage & high breakdown voltage. Standard PC board terminal. Single side stable. Nominal voltage 12 V DC.
|
Panasonic / NAiS
|
UHV-221A UHV-10A UHV-11A UHV-12A UHV-1A UHV-223A U |
Ultra-high Voltage Ceramic Capacitors Molded Type with Metal Terminals
|
TDK Electronics
|
Y4485V0001AT9R |
Ultra High Precision Bulk Metal Z-Foil Surface Mount Voltage Divider
|
Vishay Siliconix
|
Y4485V0052QT9R Y4485V0065QT9R Y4485V0066QT9R Y4485 |
Ultra High Precision Bulk Metal㈢ Z-Foil Surface Mount Voltage Divider Ultra High Precision Bulk Metal? Z-Foil Surface Mount Voltage Divider Ultra High Precision Bulk Metal庐 Z-Foil Surface Mount Voltage Divider Ultra High Precision Bulk Metal垄莽 Z-Foil Surface Mount Voltage Divider Ultra High Precision Bulk Metal? Z-Foil Surface Mount Voltage Divider
|
http:// Vishay Siliconix
|
HM1A800W-10R-J-250 HM1B800W-10R-J-250 HM2A800W-10R |
HIGH POWER WIRE WOUND RESISTOR HM Series: Metal-Clad, High Wattage
|
RFE international
|
494-096-660-612 494-096-260-112 494-096-260-122 49 |
High density 96 Contact 3 Row Metal┸to┸Metal Connector on 2.54mm
|
List of Unclassifed Manufac...
|
495-096-660-212 495-096-260-122 495-096-360-122 49 |
High density 96 Contact 3 Row Metal┸to┸Metal Connector on 2.54mm
|
List of Unclassifed Man...
|