PART |
Description |
Maker |
HUSMH8010BSS200 HUSMH8010BSS201 HUSMH8010BSS204 HU |
ENTERPRISE SOLID-STATE DRIVES
|
List of Unclassifed Man...
|
0F24804 0F24807 |
3.5-Inch Enterprise 7200 RPM Hard Disk Drives
|
List of Unclassifed Man...
|
HE10 HUH7210XXAL520Y |
3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
|
List of Unclassifed Man...
|
53209 53210 53211 |
SPDT SOLID-STATE RELAYS High Power AC/DC Switching TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
G3NE G3NE-205T-US G3NE-205TL-US G3NE-210T-US G3NE- |
TRIGGER OUTPUT SOLID STATE RELAY, 2000 V ISOLATION-MAX Solid State Relays
|
Omron Electronics LLC
|
PS12-1W PS12-1Y |
TRIGGER OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX PLASTIC PACKAGE-4 PS12 Series High Performance Solid State Relays
|
Mini-Circuits Tyco Electronics
|
ASSR-1411-001E ASSR-1410 ASSR-1410-003E ASSR-1420 |
TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX General Purpose, Form A, Solid State Relay (Photo MOSFET)
|
AVAGO TECHNOLOGIES LIMITED
|
SJ-3A01HZNR SJ-5A01HZNR SJ-12A01HZNR SJ-24A01HZNR |
SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Fujitsu Component Limited.
|
SN-A24B SN-A200BF SN-A100BF SN-A12B SN-D100BF SN-D |
SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 20 X 5 MM, 17 MM HEIGHT, ROHS COMPLIANT, ULTRA SLIM PACKAGE-4
|
Fujitsu Component Limited. http:// FUJITSU Component., Ltd.
|
53254 |
40VDC - 10A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
RIF-0-OSC-24DC |
Pre-assembled solid-state relay module with screw connection, consisting of: relay base with ejector and plugin miniature solid-state relay. Input voltage: 24 V DC. Output: 24 - 253 V AC/0.75 A
|
PHOENIX CONTACT
|
VND60013TR |
Double-channel high-side solid-state relayHIGH SIDE SOLID STATE RELAY
|
ST Microelectronics
|