PART |
Description |
Maker |
DTEM1036 DTEM1036A3 DTEM1036B2 DTEM1036C1 DTEM1036 |
100 - 240VAC Input Voltage Range C14, C8, and C6 AC Inlet Connector Types
|
Wall Industries,Inc.
|
WMIPEM1036 WMIPEM1036AE WMIPEM1036AK WMIPEM1036BE |
15 - 36 Watts 100-240VAC Input Voltage Range US, EU, UK, and AUS Interchangeable Plugs Available
|
Wall Industries,Inc.
|
DTEM1090 DTEM10901A DTEM10901B DTEM10901C DTEM1090 |
100 - 240VAC Input Voltage Range C14, C8, and C6 AC Inlet Connector Types
|
Wall Industries,Inc.
|
AK616256D |
Static Ran dom Ac cess Memory
|
ACCUTEK MICROCIRCUIT CORPORATION
|
7B33 7B33-01-1 7B33-01-2 |
Isolated Voltage Input Signal Conditioning Module -100 Hz Bandwidth ISOLATED, VOLTAGE OR CURRENT INPUT
|
AD[Analog Devices]
|
HEC100-48S3P3 HEC100-48S3P3-K HEC100-48S3P3-L HEC1 |
Input range:36-75 VDC;output voltage:3.3 VDC; output current:25 A;input current:2.022 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:5/2.5 VDC; output current:20/25 A;input current:2.45 A; 100 W dual output DC-DC converter Input range:36-75 VDC;output voltage:2.5 VDC; output current:25 A;input current:1.608 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:1.8 VDC; output current:25 A;input current:1.157 A; 100 W single output DC-DC converter
|
Power Mate Technology
|
450-Z1-216-00-006 450-90-216-00-006 450-10-216-00- |
PCB connectors 2.54 mm Single row / double row Solder tail 电路板连接器2.54毫米单列/双列焊尾 PT 26C 26#20 SKT RECP PT 26C 26#20 SKT 插头 Sensor Retroreflective Tape; Width:25mm; Roll Length:2.5m; For Use With:Photoelectric Sensors 电路板连接器2.54毫米单列/双列焊尾 BRT-41AHT External Plug-In Power Supply; Series:FW50; Output Voltage:12V; Output Power Max:50W; Output Current:4.15A; No. of Outputs:1; Input Current:4.15A; Leaded Process Compatible:Yes; Size:127 x 33 x 76.2 mm; Supply Voltage Max:240VAC RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
SSD20 SSD25 |
ELECTRIC FUSE, 20A, 240VAC, 33000A (IR), INLINE/HOLDER ELECTRIC FUSE, 25A, 240VAC, 33000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
PV15-27B12 PV15-27B24 |
NEW POWER SOURCES 100-1200VDC OVERWIDE AND OVERHIGH INPUT VOLTAGE ISOLATION CONVERTER
|
MORNSUN Science& Technology Ltd.
|
BSP52 BSP50 BSP51 |
NPN Silicon Darlington Transistors RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 3.3V; 2:1 Wide Input Voltage Range; 10 Watts
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
BSS63 |
RP10 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 12V; 4:1 Wide Input Voltage Range; 10 Watts EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
|
KEC Holdings KEC(Korea Electronics)
|
BUZ80 C67078-S1309-A2 |
RP30 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 3.3V; 4:1 Wide Input Voltage Range; 30 Watts SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|