PART |
Description |
Maker |
MAX3203EETT MAX3203EEBT-T MAX3206EEBL-T MAX3202 MA |
Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD-Protection Arrays for High-Speed Data Interfaces UNIDIRECTIONAL, 6 ELEMENT, SILICON, TVS DIODE, MO-229WEEA Low-Capacitance, 2/3/4/6-Channel, 15kV ESD Protection Arrays for High-Speed Data Interfaces Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD Protection Arrays for High-Speed Data Interfaces Low-Capacitance, 2/3/4/6-Channel, 5kV ESD Protection Arrays for High-Speed Data Interfaces UNIDIRECTIONAL, 6 ELEMENT, SILICON, TVS DIODE Dual LVDS Receiver with -2 to 4.4V Common-mode Range 8-SOIC -40 to 85 UNIDIRECTIONAL, 8 ELEMENT, SILICON, TVS DIODE, MO-229WEEA Dual LVDS Receiver with -2 to 4.4V Common-mode Range 8-SOIC -40 to 85 UNIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE, MO-229WEEA Low-Capacitance, 2/3/4/6-Channel, 5kV ESD Protection Arrays for High-Speed Data Interfaces 低电容,2/3/4/6,5kV ESD保护阵列,用于高速数据接
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Fairchild Semiconductor, Corp.
|
SRDA05-6.T SRDA05-6.TB SRDA05-6.TBT SRDA3.3-6.T SR |
RailClamp? Low Capacitance TVS Diode Array RailClamp庐 Low Capacitance TVS Diode Array RailClamp垄莽 Low Capacitance TVS Diode Array RailClamp㈢ Low Capacitance TVS Diode Array
|
Semtech Corporation
|
PSD12C-LF-T7 PSD36C-LF-T7 PSD24C-LF-T7 PSD15C-LF-T |
STANDARD CAPACITANCE TVS ARRAY 400 W, BIDIRECTIONAL, SILICON, TVS DIODE STANDARD CAPACITANCE TVS ARRAY 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ProTek Devices
|
USB0405-LF-T7 USB0415-LF-T7 USB0403-LF-T7 USB0412- |
LOW CAPACITANCE TVS ARRAY 350 W, UNIDIRECTIONAL, SILICON, TVS DIODE LOW CAPACITANCE TVS ARRAY 350 W, BIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE
|
ProTek Devices
|
MG042L14V400RP MG042S05X150RP MG054L18V500DP MG054 |
BIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE CERAMIC PACKAGE-4 TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:18V; Capacitance, Cd:75pF; Package/Case:0612; Clamping Voltage Max, Vc:50V; Leaded Process Compatible:Yes; Peak Pulse Current IPP @ 8x20uS:20A TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:9V; Breakdown Voltage, Vbr:12.7V; Capacitance, Cd:550pF; Package/Case:0612; Clamping Voltage Max, Vc:20V; Leaded Process Compatible:Yes
|
AVX Corporation AVX, Corp.
|
PESD5V0L7BAS PESD5V0L7BS |
Low capacitance 7-fold bi-directional ESD protection diode arrays Low capacitance 7-fold bidirectional ESD protection diode arrays
|
Philips Semiconductors
|
GBLCSC05 GBLCSC03 GBLCSC05C GBLCSC03C GBLCSC05-T13 |
ULTRA LOW CAPACITANCE TVS ARRAY 200 W, UNIDIRECTIONAL, SILICON, TVS DIODE 200 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
PROTEC[Protek Devices]
|
ESD6-DFN |
LOW CAPACITANCE TVS ARRAY UNIDIRECTIONAL, 6 ELEMENT, SILICON, TVS DIODE
|
PROTEC[Protek Devices]
|
VSMF05LCC-P-T7 |
LOW CAPACITANCE TVS ARRAY 25 W, UNIDIRECTIONAL, 5 ELEMENT, SILICON, TVS DIODE
|
ProTek Devices
|
RSB6.8G-T7 |
LOW CAPACITANCE TVS ARRAY 10 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
ProTek Devices
|
SMP6LC15-2P |
LOW CAPACITANCE TVS ARRAY 3600 W, BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
ProTek Devices
|
|