PART |
Description |
Maker |
C1310 C131007 |
Typical Applications
|
Vectron International, Inc
|
DN |
NTC Thermistors, Applications Include: Temperature Measurement, Temperature Control, Inrush Current Limiting, Temperature Compensation, Sensing Liquid Level or Air Flow
|
Vishay
|
Q6008LTH1LED |
Q6008LTH1LED series is designed to meet low load current characteristics typical in LED lighting applications.
|
Littelfuse
|
BGA318 |
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz)
|
Siemens Semiconductor Group
|
BGA312 |
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz)
|
Siemens Semiconductor Group
|
MCP6002 MCP6002EP MCP6002ESN MCP6004 MCP6004E MCP6 |
The MCP6002 is a dual general purpose op amp offering rail to rail input & output over the 1.8 to 5.5V operating range. This amplifier has a typical GBWP of 1 MHz with typical quiescent current of 100 microamperes. The MCP6002 is avail Operational Amplifier - Datasheet Reference 1 MHz Bandwidth Low Power Op Amp The MCP6001 is a single general purpose op amp offering rail to rail input & output over the 1.8 to 5.5V operating range. This amplifier has a typical GBWP of 1 MHz with typical quiescent current of 100 microamperes. The MCP6001 is ava
|
Microchip Technology Inc MICROCHIP[Microchip Technology]
|
M63016FP |
Direct PWM control Include OP-AMP, 2.5v-DSP available
|
Mitsubishi Electric Corporation
|
MPX10GP MPX10GVP MPX10 MPX10D MPX10DP MPX10GS MPX1 |
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL) 00千帕-1.45 PSI)的35压全尺寸跨度(典型) 0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL) GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-1.45Psi, 1%, 20-80mV, THROUGH HOLE MOUNT
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
FMCE-0328 |
Attenuation to 60 db at 500 kHz, typical Operating temperature -55掳 to 125掳C Attenuation to 60 db at 500 kHz, typical Operating temperature -55° to 125°C
|
Interpoint Corporation Company
|
MPX2100 MPX2100A MPX2100DP MPX2100GVP MPX2100AS MP |
0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL) 000千帕4.5 PSI)的全尺寸为40 mV跨度(典型) (MPX2100 / MPX2101) 0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL) Sensor
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|