PART |
Description |
Maker |
1N4002G 1N4007G 1N4001G 1N4003G 1N4004G 1N4005G 1N |
400V, 1.0A glass passivated rectifier 1000V, 1.0A glass passivated rectifier 50V, 1.0A glass passivated rectifier 200V, 1.0A glass passivated rectifier 100V, 1.0A glass passivated rectifier 600V, 1.0A glass passivated rectifier 800V, 1.0A glass passivated rectifier
|
http:// WTE[Won-Top Electronics]
|
15KPJ45 15KPJ45A 15KPJ45C 15KPJ45CA 15KPJ58 15KPJ5 |
Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 376 V @ Ipp = 40 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/243.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 308 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 220 V. Vbr(min/max) = 242/310.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 394 V @ Ipp = 38 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/154.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 196 V @ Ipp = 77 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/205.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 259 V @ Ipp = 58 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/226.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 287 V @ Ipp = 52 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/182.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 231 V @ Ipp = 65 A. Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/169.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 214 V @ Ipp = 70 A. GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特175000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特75000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压220伏特75000脉冲峰值功率) Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/153.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 193 V @ Ipp = 78 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/165.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 209 V @ Ipp = 72 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/217.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 275 V @ Ipp = 55 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/140.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 177 V @ Ipp = 85 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/239.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 304 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/267.4 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A. Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A.
|
Pan Jit International I... PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
1N4944GP 1N4946GP 1N4947GPE 1N4944GPE/4G 1N4942GP |
1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN Diodes Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 1000V
|
Vishay Beyschlag
|
GP02-20H |
HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
|
Zowie Technology Corporation
|
GI250-2 GI250-1 GI250-3 GI250-4 |
High Voltage Glass Passivated, Junction Rectifier, Forward Current 0.25A
|
Vishay
|
1N4001GP 1N4002GP 1N4003GP 1N4004GP |
Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 50V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 100V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 400V
|
Vishay
|
P6KE180CA P6KE20C P6KE16CA P6KE24C P6KE24CA P6KE39 |
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) 16-Bit Bus Transceivers with Bus-Hold and 3-State Outputs 48-SSOP -40 to 85 HANDLE TILT FOR 1598C/E/F/G BOX 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 16-Bit Buffers/Drivers with Bus-Hold and 3-State Outputs 48-SSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) 玻璃钝化结瞬态电压抑制器(电 6.840伏特00Watt峰值功5.0瓦稳态) Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SSOP/QSOP -40 to 85 玻璃钝化结瞬态电压抑制器(电 6.840伏特00Watt峰值功.0瓦稳态) GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) 玻璃钝化结瞬态电压抑制器(电 6.840伏特00Watt峰值功.0瓦稳态) GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) 玻璃钝化结瞬态电压抑制器(电 6.8440伏特00Watt峰值功.0瓦稳态) Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, High PSRR 6-SOT-223 -40 to 125 玻璃钝化结瞬态电压抑制器(电 6.840伏特00Watt峰值功.0瓦稳态) Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) 玻璃钝化结瞬态电压抑制器(电 6.840伏特600Watt峰值功.0瓦稳态)
|
Pan Jit International I... PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc. Intersil, Corp. Jinan Gude Electronic Device Co., Ltd.
|
GI1-1200-E3/54 GI1-1200HE3/73 GI1-1600GP-E3 |
Miniature High Voltage Glass Passivated Rectifier Miniature High Voltage Glass Passivated Rectifier
|
Vishay Siliconix
|
C4SMAFL60A C4SMAFL9.0A C4SMAFL90A C4SMAFL18A C4SMA |
SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATTS, 8.5 THRU 170 VOLTS GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
|
Central Semiconductor Corp Central Semiconductor C...
|
5KP5.0 5KP14C 5KP48 5KP70 5KP120A 5KP90CA 5KP 5KP1 |
Optocoupler; Isolation Voltage:5300Vrms; Optocoupler Output Type:Transistor; Package/Case:6-DIP; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Voltage Rating:1.25V RoHS Compliant: Yes GLASS PASSIVATED JUNCTION TRANSIENTVOLTAGE SUPPRESSOR 玻璃钝化结TRANSIENTVOLTAGE抑制 GLASS PASSIVATED JUNCTION TRANSIENTVOLTAGE SUPPRESSOR 玻璃钝化TRANSIENTVOLTAGE抑制
|
http:// TRSYS FORMOSA[Formosa MS] 美丽微半导体有限公司 Formosa Microsemi Co., Ltd.
|
1N6480 1N6481 1N6482 1N6484 1N6483 |
Surface Mount Glass Passivated Junction Rectifiers, Forward Current 1.0A, Rev. Voltage 200V Surface Mount Glass Passivated Junction Rectifiers, Forward Current 1.0A, Rev. Voltage 400V Surface Mount Glass Passivated Junction Rectifiers, Forward Current 1.0A, Rev. Voltage 600V Surface Mount Glass Passivated Junction Rectifiers, Forward Current 1.0A, Rev. Voltage 1000V Surface Mount Glass Passivated Junction Rectifiers, Forward Current 1.0A, Rev. Voltage 800V
|
Vishay
|