PART |
Description |
Maker |
2N5682 2N5681 2N5681SMD |
100V Vce, 1A Ic, 30MHz NPN bipolar transistor NPN SILICON TRANSISTORS Expitaxial Planar NPN Transistors In jedec TO-39 Metal Case(大功率、外延平面NPN晶体管(TO-39金属封装,用于通用、放大器、开关电路))
|
SEME-LAB[Seme LAB] Semelab(Magnatec)
|
PEMH9 PIMH9 PUMH9 PUMH9125 |
NPN-NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm NPN-NPN配电阻型晶体管,R1=10千欧姆,R2=47千欧 NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ NPN/NPN resistor-equipped transistors; R1 = 10 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
PEMH10 PUMH10 |
NPN/NPN resistor-equipped transistors; R1 = 2.2 k惟, R2 = 47 k惟 NPN/NPN resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 47 kΩ NPN-NPN resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 47 kOhm NPN-NPN配电阻型晶体管,R1=2.2千欧姆,R2=47千欧
|
NXP Semiconductors N.V.
|
PEMH13 PUMH13 |
NPN/NPN resistor-equipped transistors; R1 = 4.7 k惟, R2 = 47 k惟 NPN/NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 47 kΩ NPN-NPN resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 47 kOhm NPN-NPN配电阻型晶体管,R1=4.7千欧姆,R2=47千欧
|
NXP Semiconductors N.V.
|
PEMH14 PUMH14 5C H1- H1P H1T H1W |
NPN/NPN resistor-equipped transistors R1 = 47 kohm, R2 = open NPN/NPN配电阻型晶体管;R1=47千欧姆,R2=开 NPN/NPN resistor-equipped transistors R1 = 47 kW-ohm, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
CPH6519 |
NPN NPN NPN Epitaxial Planar Silicon Composite Transistors Low-Frequency General-Purpose Amplifier, Driver Applications
|
Sanyo Semicon Device
|
ZXT10N20DE6 ZXT10N20DE6TA ZXT10N20DE6TC |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR NPN Low Sat Transistor
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
ZXT11N20DFTA ZXT11N20DFTC ZXT11N20DF |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 20V NPN SILICON LOW SATURATION TRANSISTOR NPN Low Sat Transistor
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
2SC4159 2SA1606 A1606 |
2SA1606 NPN Epitaxial Planar Silicon Transistors High-Voltage Switching, AF 100W Driver Applications PNP/NPN Epitaxial Planar Silicon Transistors NPN Epitaxial Planar Silicon Transistors for High-Voltage SwitchingAF 100W Driver Application(用于高电压转换,AF 100W驱动器应用的NPN硅外延平面型晶体
|
Sanyo Semicon Device Sanyo Electric Co.,Ltd.
|
2SC2344 2SA1011 |
NPN Epitaxial Planar Silicon Transistors High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SD1468S 2SD1834 2SD1834T100W 2SD1468STPR 2SD1468S |
1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR Transistors > Small Signal Bipolar Transistors(up to 0.6W) Transistors > Medium Power Bipolar Transistors(0.5W-1.0W) BJT Low-Power, Single/Dual-Level Battery Monitors with Hysteresis 晶体
|
ROHM
|