PART |
Description |
Maker |
RT9702APB RT9702APJ5 RT9702 RT9702AGB RT9702AGJ5 R |
80mΩ, 500mA/1.1A High-Side Power Switches with Flag 80mヘ, 500mA/1.1A High-Side Power Switches with Flag
|
Richtek Technology Corporation
|
IDT6168LAE IDT6168SAE IDT6168SART |
x4 SRAM x4SRAM High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package x4的SRAM
|
TE Connectivity, Ltd.
|
BTS736L2 BTS736-L2 |
Smart High-Side Power Switch Two Channels: 2 x 40m?/a> Status Feedback Smart High-Side Power Switch Two Channels: 2 x 40mз Status Feedback Smart High Side Switches - 4,75-41V, 2x40mΩ Limit(scr) 30A DSO-20-9 Smart High-Side Power Switch Two Channels: 2 x 40m Status Feedback
|
Infineon Technologies AG
|
IR21814 IR2181S |
High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground in a 14-pin DIP package High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-lead SOIC package
|
International Rectifier
|
BTS728L2 BTS728-L2 |
Smart High Side Switches - 4,75-41V, 2x60mΩ Limit(scr) 17A DSO-20-9 Smart High-Side Power Switch Two Channels: 2 x 60m Status Feedback Smart High-Side Power Switch Two Channels: 2 x 60mз Status Feedback
|
INFINEON[Infineon Technologies AG]
|
BTS462T Q67060-S7402 BTS462-T |
High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs 16-SO -55 to 125 Smart Power High-Side-Switch Smart High Side Switches - 100mΩ, 5-34V 3,5A, P-TO-252-5
|
INFINEON[Infineon Technologies AG]
|
BTS452T Q67060-S7406 BTS452-T |
High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs 16-TSSOP -55 to 125 Smart Power High-Side-Switch Smart High Side Switches - 200mΩ, 6-52V 1,8A, P-TO-252-5
|
INFINEON[Infineon Technologies AG]
|
IPS5451 IPS5451S IPS5451STRL |
Intelligent Power Switch 1 Channel High Side Driver in a D2-Pak 5-Lead Package Intelligent Power Switch 1 Channel High Side Driver in a TO-220FL Package FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
|
International Rectifier
|
UC2635DW UC2635DWTR UC2635Q UC2635QTR UC2635J UC26 |
Iso high side smart power solid state relay Single channel high side driver with analog current sense for automotive applications Phase-Locked Loop
|
|
BTS436L2 BTS436L2G BTS436L2S Q67060-S6111-A4 Q6706 |
Smart High Side Switches - 4,75-41V, 38mΩ 9,8A TO 220 Smart High-Side Power Switch One Channel: 38mз Status Feedback Smart High-Side Power Switch One Channel: 38m蟹 Status Feedback Smart High-Side Power Switch One Channel: 38m Status Feedback Smart High-Side Power Switch One Channel: 38m?/a> Status Feedback
|
INFINEON[Infineon Technologies AG]
|
BTS5234G |
Smart High Side Switches - 4,5-28V; 2x60mOhm Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
|
Infineon Technologies AG
|
BSP772T BSP772-T |
Smart High Side Switches - 60mΩ, 5-34V 2,6A, P-DSO-8 Smart Power High-Side-Switch
|
INFINEON[Infineon Technologies AG]
|