PART |
Description |
Maker |
ADG5401 |
High Voltage Latch-Up Proof, Single SPST Switch
|
Analog Devices
|
C9312SK-06 |
Flat panel sensor High-speed, High reliability, 110 kV (X-ray tube voltage) proof
|
Hamamatsu Corporation
|
MP1L01721035MP MP1L01721035RD MP1L01721035RH MP1L0 |
Contactless Linear Sensor - IP64 Debris Proof, Splash Proof
|
List of Unclassifed Manufac... ETC List of Unclassifed Manufacturers http:// List of Unclassifed Man...
|
AD7590DIKP-REEL AD7592DIKP-REEL |
Quad ±15V SPST Latch Up Proof Switch with Overvoltage Protection DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PQCC20
|
ANALOG DEVICES INC
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
UH266-15 |
HIGH VOLTAGE HALL EFFECT LATCH
|
Unisonic Technologies
|
AH26607 |
HIGH VOLTAGE HALL EFFECT LATCH
|
BCD Semiconductor Manufacturing Limited
|
HPR |
water-proof and dust-proof
|
ETAL Group
|
AH266Z4-BE1 AH266Z4-E1 AH266Z4-AE1 AH266 |
HIGH VOLTAGE HALL EFFECT LATCH 高压霍尔效应锁存
|
BCD Semiconductor Manuf... BCD Semiconductor Manufacturing Limited BCDSEMI BCD Semiconductor Manufacturing, Ltd.
|
AH278Z4-AE1 AH278Z4-E1 AH278Z4-BE1 AH278 |
HIGH VOLTAGE HALL EFFECT LATCH 高压霍尔效应锁存
|
BCD Semiconductor Manufacturing, Ltd. BCDSEMI BCD Semiconductor Manufacturing Limited
|
ATS266IS4A ATS266S4 ATS266S4A |
4-28V high voltage hall effect latch
|
ATC Analog Technology
|