PART |
Description |
Maker |
ADG5412 ADG5412BCPZ-REEL7 ADG5412BRUZ ADG5412BRUZ- |
High Voltage Latch-Up Proof, Quad SPST Switches
|
Analog Devices
|
ADG5401 |
High Voltage Latch-Up Proof, Single SPST Switch
|
Analog Devices
|
ADG5436BCPZ-REEL7 ADG5436BRUZ ADG5436BRUZ-REEL7 AD |
High Voltage Latch-Up Proof, Dual SPDT Switches
|
Analog Devices
|
ADG5409BRUZ ADG5409BRUZ-REEL7 ADG5409BCPZ-REEL7 AD |
High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers 8-CHANNEL, SGL ENDED MULTIPLEXER, PDSO16
|
Analog Devices ANALOG DEVICES INC
|
AD7590DIKP-REEL AD7592DIKP-REEL |
Quad ±15V SPST Latch Up Proof Switch with Overvoltage Protection DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PQCC20
|
ANALOG DEVICES INC
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
UH266-15 |
HIGH VOLTAGE HALL EFFECT LATCH
|
Unisonic Technologies
|
US4881 |
CMOS Low Voltage High Sensitivity Latch
|
Micro Electronics
|
AH27807 AH278Z4-BE1 |
HIGH VOLTAGE HALL EFFECT LATCH 高压霍尔效应锁存
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd.
|
US3881KSE US3881ESE US3881KUA US3881 US3881EUA US3 |
Hall Latch Low Voltage & High Sensitivity
|
Melexis Microelectronic Systems
|
3197 A3197ELT A3197EU A3197LLT A3197LU A3196LLT A3 |
PROTECTED HIGH-TEMPERATURE OPEN-COLLECTOR HALL-EFFECT LATCH PROTECTED, HIGH-TEMPERATURE, OPEN-COLLECTOR HALL-EFFECT LATCH PROTECTED/ HIGH-TEMPERATURE/ OPEN-COLLECTOR HALL-EFFECT LATCH Protected,High-Temperature,Hall-Effect Latch With Active Pull-Down(保护型,工作于高温,集电极开路霍尔效应锁存器) IC SENSOR QWHEEL ROTARY 14TSSOP Protected,High-Temperature,Hall-Effect Latch With Active Pull-Down(淇?????宸ヤ?浜??娓╋???????璺??灏??搴??瀛??) Protected, high-temperature, hall-effect latch with active pull-down
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
74LCX162373 74LCX162373GX 74LCX162373MEA 74LCX1623 |
8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26з Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Series Resistor From old datasheet system Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|