PART |
Description |
Maker |
RT9167 RT9167-33CB RT9176_A-15CB RT9176_A-15CBR RT |
1.8V low-noise, fixed output voltage 200mA/500mA LDO regulator 1.7V low-noise, fixed output voltage 200mA/500mA LDO regulator 1.6V low-noise, fixed output voltage 200mA/500mA LDO regulator 1.5V low-noise, fixed output voltage 200mA/500mA LDO regulator PREMIUM RS232 DATA CBL DB25 MALE - DB25 FEMALE PREMIUM RS232 DATA CBL DB25 MALE - DB25 MALE CONNECTOR ACCESSORY D52 - BACKSHELL NON-ENVIRON EMI-RFI STRT PREMIUM RS232 DATA CBL DB25 FEMALE - DB25 FEMALE LOW NOISE FIXED OUTPUT VOLTAGE 200MA/500MA LDO REGULATOR 低噪声固定输出电00MA/500MA LDO稳压 EDQ MOLDED 25C 20FT MF 低噪声固定输出电00MA/500MA LDO稳压 IC ENCODER TRANSMITTER RF 8DIP 低噪声固定输出电00MA/500MA LDO稳压 TRANSFORMER 0.50MH 1:1.3 PULSE 低噪声固定输出电00MA/500MA LDO稳压 INDUCTOR, 470UHINDUCTOR, 470UH; Inductance:470uH; Inductor type:Inductor; Current, DC max:0.64A; Resistance:0.16R; Case style:D; Diameter, PCB hole:0.64mm; Flammability rating:UL94V-0 低噪声固定输出电00MA/500MA LDO稳压 Connector assemblies 低噪声固定输出电00MA/500MA LDO稳压
|
RichTek ETC Electronic Theatre Controls, Inc.
|
G2-DB02-SR G2-DB02-TT G2-DB01-ST G2-DB02-ST |
RELAY SSR DPST-NC 200MA 8PIN SMD TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX RELAY SSR DPST-NC 200MA 8 DIP TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX
|
Crydom, Inc.
|
MP3394 MP3394EF MP3394ES MP3394EY |
Step-up, 4-String Max 200mA/String White LED Driver
|
Monolithic Power Systems
|
LTC3544B |
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
|
Linear Technology
|
STR-BS6301 STRS6301 STR-S6301 |
Low Leakage Diodes; Package: PG-SOT23-3; Configuration: Dual; VR (max): 80.0 V; IF (max): 200.0 mA; IR (max): 5.0 nA; trr (max): 1,500.0 ns; SWITCHING REGULATOR HYRRTD lC
|
Sanken Electric Co.,Ltd.
|
TPC1020AFJ-084C TPC1020AFJ-084I1 TPC1010AFN-068I1 |
SK-9S22 10/100/1000BASE-T DUAL PORT SERVER ADAPTER ADAPTIVE DIGITAL VIDEO FORMAT CONVERTER IC 88E1011S FO GIGE XCVR TFBGA IC ULTRA GIGABIT ENET TRANC 10/100/1000 SK-9E82 1000BASE-SX DUAL PORT SERVER ADAPTER, ROHS COMPLIANT Snap Action Switch; Contact Current Max:200mA; Circuitry:SPDT; Actuator Style:Leaf Lever; Contact Rating:200mA at 60VDC; Current Rating:0.1A; Features:Leaf Actuator; Leaded Process Compatible:Yes; Mounting Type:PCB Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA
|
New Japan Radio Co., Ltd.
|
LC3022PGC-022 LC3022PGN-022 LC3023PGN-022 LC3023PG |
Hihg performance, low-cost analog line scan camera. Resolution of 1024 pixels. Max data rate 20 MHz. Hihg performance, low-cost analog line scan camera. Resolution of 2048 pixels. Max data rate 20 MHz.
|
PerkinElmer Optoelectronics
|
M28C64-A25NS1T M28C64-A20MS1T M28C64-A20MS3T M28C6 |
64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection 64千位8K的8并行EEPROM,带有软件数据保 SWITCH, DPDT; Thread size:1/4 x 40UNS; Switch function type:DPDT On-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, op. RoHS Compliant: Yes SWITCH, DPDT, LOCKING; Thread size:1/4 x 40UNS; Switch function type:DPDT On-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, RoHS Compliant: Yes SWITCH, DPDT, BIASED; Thread size:1/4 x 40UNS; Switch function type:DPDT On-Mom; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, RoHS Compliant: Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Solder Lug; Leaded Process Compatible:Yes; Mounting Type:Solder Lug RoHS Compliant: Yes 64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
|
STMicroelectronics N.V. 意法半导
|
FAN2502 FAN2503S285 FAN2502S27 FAN2502S25 FAN2503S |
150 mA CMOS LDO Regulators Pch Power MOSFET; ; Package: PS-8; Number Of Pins: 8; R DS On (Ω): (max 0.09) (max 0.041) (max 0.03); I_S (A): (max -5.6) Pch Power MOSFET; Surface Mount Type: Y; Package: SOP-8; Application Scope: mobile; R DS On (Ω): (max 0.03) (max 0.02); I_S (A): (max -10) Pch Power MOSFET; Surface Mount Type: N; Package: VS-6; R DS On (Ω): (max 0.09) (max 0.055) (max 0.035); I_S (A): (max -5.5) Pch Power MOSFET; Surface Mount Type: Y; Package: VS-8; Application Scope: mobile; R DS On (Ω): (max 0.3) (max 0.16) (max 0.11); I_S (A): (max -2.7)
|
Fairchild Semiconductor
|
PWC PWC-24S PWC-5 PWC-15 PWC-3.3E PWC-3.3S PWC-5S |
TRANS,WALL,12VDC/200mA,F2 2.5mmX5.5mm,R ANGLE,UL,CSA AP,CERM,DISC,.001uF,50V,20%, INCREMENTS of 10 TRANS,WALL,14VDC/200mA,F2, 2.1mm X 5.5mm,UL/CUL PowerBlock微小瓦电源供应器 PowerBlock Micro-Miniature 5 Watt Switching Power Supplies PowerBlock微小瓦电源供应器
|
Astrodyne, Inc.
|
PZTA44 PZTA44_4 PZTA44115 |
NPN high-voltage transistor - fT min: 20 MHz; hFE max:>40 ; hFE min: 40 ; I<sub>C</sub> max: 300 mA; Polarity: NPN ; Ptot max: 1350 mW; VCEO max: 400 V; Package: SOT223 (SC-73); Container: Tape reel smd From old datasheet system
|
NXP SEMICONDUCTORS PHILIPS[Philips Semiconductors]
|
K4D623238B-GQC |
512K x 32Bit x 4 Banks Double Data Rate Synchronous RAM wi Extended Data Out Data Sheet
|
Samsung Electronic
|