PART |
Description |
Maker |
1PS76SB70 |
Low forward volatge Guard ring protected Very small plastic SMD package
|
TY Semiconductor Co., L...
|
MBR0540W |
Low forward voltage drop, Guard ring construction forTransient protection
|
TY Semiconductor Co., L...
|
BAS85 |
Low forward voltage High breakdown voltage Guard ring protected
|
TY Semiconductor Co., Ltd
|
BAT54AW BAT54SW BAT54CW |
Planar Schottky barrier diodes with an integrated guard ring for stress protection, encapsulated in a very small SOT323
|
NXP Semiconductors
|
19193-0198 19193-0186 19193-0205 19193-0170 19193- |
191930198 COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (D-352-58) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (D-356-14T) COPPER ALLOY, RING TERMINAL D-351-38T RING VERSAKRIMP TAPE DBL SPACE COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (E-358-76) COPPER ALLOY, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):8; Stud Size:3/8; Insulator Color:Red; Series:RING VERSAKRIMP (D-352-38) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (F-370-34) COPPER ALLOY, RING TERMINAL 191930151 COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (E-360-56) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (D-352-76) COPPER ALLOY, RING TERMINAL 191930254 COPPER ALLOY, RING TERMINAL Insulkrimp RingTongue Terminal, #10 Stud, 8AWG COPPER ALLOY, RING TERMINAL 191930218 COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
SB20100 |
Guard Ring Die Construction for Transient Protection
|
Sangdest Microelectroni...
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
LS33401111 LY3340-M LG3340 LG3340-KN LG3340-L LG33 |
T1(3mm) LED LAMP T1毫米)发光二极管 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
203CMQ080 203CMQ100 203CMQ-SERIES |
SCHOTTKY RECTIFIER Guard ring for enhanced ruggedness and long term reliability Center tap module
|
Sangdest Microelectroni...
|