PART |
Description |
Maker |
XC4002XL-09PC84C XC4002XL-09PC84I XC4002XL-09PC84M |
XC4000E and XC4000X Series Field Programmable Gate Arrays
|
Xilinx, Inc
|
XC4000E XC4002XL XC4003E XC4005E XC4005XL XC4006E |
Logic Cell Array Family Shielded Multiconductor Cable; Number of Conductors:15; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes MB 41C 27#20 14#16 PIN PLUG Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes FAN 220AC BISCUIT BT3A1 W/O FG RES, POT 2K 10% .5W 25T CE T.A Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:90A; Switching:Zero Cross; Load Current Min:0.04A RES POT 5K00 PT 25T TA CE 3/8 XC4000E and XC4000X Series Field Programmable Gate Arrays XC4000E和XC4000X系列现场可编程门阵列 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 166 MHz, PQFP240 High Insulation Power Relay (Sealed 1 Form C 1-Coil Latch) FPGA, 324 CLBS, 6000 GATES, 111 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 217 MHz, PQFP176 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 111 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 179 MHz, PQFP144 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 217 MHz, PQFP144 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 217 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 179 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 200 MHz, PQFP208 Labels; External Height:0.5"; External Width:0.5"; Label Material:Nylon-Cloth FPGA, 576 CLBS, 10000 GATES, 200 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 238 MHz, PBGA256 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 217 MHz, PBGA256 RESISTOR-VARIABLE,LINEAR 50K,20 TURN,3/8 XC4000E和XC4000X系列现场可编程门阵列 RESISTOR-VARIABLE,LINEAR 20K,20 TURN XC4000E和XC4000X系列现场可编程门阵列 RESISTOR-VARIABLE,LINEAR 100K,20 TURN FPGA, 576 CLBS, 10000 GATES, 217 MHz, PBGA256 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 217 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 179 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 64 CLBS, 1000 GATES, 217 MHz, PQFP100 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 166 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 64 CLBS, 1000 GATES, 179 MHz, PQCC84 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 166 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays XC4000EXC4000X系列现场可编程门阵列 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 179 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 200 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 200 MHz, PQFP100 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 200 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 179 MHz, PQFP160 SureGrip Hook Test Clips; For Use With:Fluke TL222 and TL224 Test Leads; Color:One Red, One Black RoHS Compliant: NA
|
Xilinx, Inc. TE Connectivity, Ltd. XILINX INC
|
IDT71124 IDT71124S12Y IDT71124S12YI IDT71124S15Y I |
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout 128K x 8 Static RAM Center Pwr & Gnd Pinout
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
XC4005E-4PG156I |
XC4000E and XC4000X Series Field Programmable Gate Arrays
|
Xilinx, Inc
|
A1020B-XXXX |
FPGAs
|
Actel
|
RTAX1000SL |
RadTolerant FPGAs
|
Actel Corporation
|
EX64-TQG100 EX64-TQG100A EX64-TQG100I EX256-PCSG10 |
eX Automotive Family FPGAs
|
Actel Corporation
|
RTAX250-SCG624B RTAX250-SCG624E RTAX250-SCG624EV R |
RTAX-S/SL RadTolerant FPGAs
|
Actel Corporation
|
AN1424 |
CONFIGURING FPGAS WITH EASYFLASH
|
SGS Thomson Microelectronics
|
XC3SD3400A-4CSG484LI XC3SD3400A-4FGG676C |
Extended Spartan-3A FPGAs, Package: 4CSG484LI FPGA, 5968 CLBS, 3400000 GATES, 250 MHz, PBGA484 Extended Spartan-3A FPGAs, Package: 4FGG676C FPGA, 5968 CLBS, 3400000 GATES, 250 MHz, PBGA676
|
Xilinx, Inc. XILINX INC
|
M1A3PE3000-2FG896 M1A3PE3000-2FG896I M1A3PE3000-2F |
ProASIC3E Flash Family FPGAs
|
Actel Corporation
|
A54SX16-CG256 A54SX16-1CG256 A54SX32-CG256 A54SX32 |
SX Family FPGAs RadTolerant and HiRel
|
Actel Corporation
|
|