PART |
Description |
Maker |
TLP82MASD |
Protect It 230V Surge Protector with 8-Schuko Type F Outlets, German Plug, 1140 Joules, Coax/Network Protection
|
Tripp Lite. All Rights ...
|
TLP82MASF |
Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 1140 Joules, Tel/Coax Protection
|
Tripp Lite. All Rights ...
|
TLP606 |
6-outlet, 6-ft cord, 790 joule strip - Protect It! Surge Suppressor
|
List of Unclassifed Man...
|
TLP608 |
6-outlets, 8-ft cord, 990 joule strip, Flat Plug - Protect It! Surge Suppressor
|
List of Unclassifed Man...
|
TLP606USB |
6-outlet, 6-ft cord, 990 joules, 2 port USB chargers 2.1 amp total, strip - Protect It! Surge Suppressor
|
List of Unclassifed Man...
|
SP3304N SP3304NUTG |
The SP3304N integrates 4 channels of low capacitance diodes with an additional zener diode to protect sensitive I/O pins against lightning induced surge events and ESD.
|
Littelfuse
|
SP2504NUTG |
The SP2504N integrates 4 channels of low capacitance diodes with an additional zener diode to protect sensitive I/O pins against lightning induced surge events and ESD.
|
Littelfuse
|
SX18AD75-I/DP SX28AD75-I/TQ SX18AD75-I/PQ SX28AD75 |
; Suppressor Type:Outlet Strip; Transient Energy Rating:4080J; External Depth:6.25"; Approval Bodies:cULus; Applications:High-quality TVSS for datacenters, industrial facilities and commercial buildings 配置通信控制器与电子工程/闪存程序存储器,在系统编程能力和片上调试 Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug 配置通信控制器与电子工程/闪存程序存储器,在系统编程能力和片上调试 8-BIT MICROCONTROLLER (SXxxxx) Configurable Communications Controllers Uninterruptible Power Supply (UPS); Output Voltage:230V; Output Power Max:1400W; Run Time - Half Load:47min; Run Time - Full Load:21min; Applications:Servers; Features:Extended Outage Protection; No. of Outlets:9 RoHS Compliant: NA Uninterruptible Power Supply (UPS); Output Voltage:230V; Output Power Max:700W; Run Time - Half Load:13min; Run Time - Full Load:4min; Applications:Servers; Features:Extended Outage Protection; No. of Outlets:8 RoHS Compliant: NA Uninterruptible Power Supply (UPS); Output Voltage:230V; Output Power Max:1400W; Run Time - Half Load:14min; Run Time - Full Load:4min; Applications:Servers; Features:Extended Outage Protection; No. of Outlets:9 RoHS Compliant: NA Uninterruptible Power Supply (UPS); Output Voltage:230V; Output Power Max:8000W; Run Time - Half Load:24min; Run Time - Full Load:10min; Applications:Servers; Features:Extended Outage Protection; No. of Outlets:13 RoHS Compliant: NA Data Line Surge Suppressor; Suppressor Type:Data Line; Peak Surge Current:6.5kA; Response Time:1ns; Connector Type A:IEC320-C8; Connector Type B:IEC320-C8; Fax/Modem Protection:Yes; Features:RJ-11 Modem/Fax protection
|
SCENIX Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers List of Unclassifed Man...
|
19301231 19300231 19301230 |
LED 10 IN 16MM VERCHROMT 230V GRUEN 发光二极管在16毫米VERCHROMT 230伏格0 LED 10 IN 16MM VERCHROMT 230V ROT 发光二极管在16毫米VERCHROMT 230伏腐10
|
ITT, Corp. 3M Company
|
24LCS52 24LC52-IP 24LC52-ISN 24LC52-IST 24LC52-P 2 |
2K 2.5V I 2 C Serial EEPROM with Software Write Protect 2K 2.5VI 2 C串行EEPROM,带有软件写保护 2K 2.5V I 2 C Serial EEPROM with Software Write Protect 2K2.5VI2CSerialEEPROMwithSoftwareWriteProtect
|
MicrochipTechnology Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
TISP4070M3LM TISP4300M3LMFR TISP4165M3LM TISP4165M |
70 V, 32 A, SILICON SURGE PROTECTOR, DO-92 PLASTIC, TO-92, 2 PIN 300 V, 32 A, SILICON SURGE PROTECTOR, DO-92 165 V, 32 A, SILICON SURGE PROTECTOR, DO-92 350 V, 32 A, SILICON SURGE PROTECTOR, DO-92
|
Bourns, Inc. BOURNS INC
|