PART |
Description |
Maker |
STM32F091CCU6 STM32F091VBT6 STM32F091VBT7 |
Entry-level ARM Cortex-M0 MCU with 256 Kbytes Flash, 48 MHz CPU, CAN and CEC functions Entry-level ARM Cortex-M0 MCU with 128 Kbytes Flash, 48 MHz CPU, CAN and CEC functions
|
ST Microelectronics
|
STM32F058R8 |
Entry-level ARM Cortex-M0 MCU with 64 Kbytes Flash, 48 MHz CPU and CEC functions, 1.8V
|
ST Microelectronics
|
STM32F042F4P6 STM32F042F4P6TR STM32F042F6 STM32F04 |
Enry-level ARM Cortex-M0 MCU with 16 Kbytes Flash, 48 MHz CPU, USB, CAN and CEC functions Entry-level ARM Cortex-M0 MCU with 32 Kbytes Flash, 48 MHz CPU, USB, CAN and CEC functions
|
ST Microelectronics
|
ATSAM4N16BA-AU ATSAM4N16BA-MU ATSAM4N8CA-CU ATSAM4 |
Entry Point to the Atmel ARM Cortex-M4-Based Flash MCU Portfolio
|
ATMEL Corporation
|
CD00191174 STM32F101RET6 STM32F101VET6 STM32F101ZE |
Mainstream Access line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 36 MHz CPU High-density access line, ARM-based 32-bit MCU Mainstream Access line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 36 MHz CPU
|
STMicroelectronics ST Microelectronics
|
STA1095 |
Accordo2 Dual Core 32-bit ARM Cortex-R4 / Cortex-M3 processor, with embedded SRAM, integrated DSP sound subsystem, audio ADCs and DACs, isolated CAN MCU for Car Radio and Display Audio applications
|
ST Microelectronics
|
STM32F101T8U6TR STM32F101VBT6 STM32F101VBT6TR STM3 |
Mainstream Access line, ARM Cortex-M3 MCU with 64 Kbytes Flash, 36 MHz CPU Mainstream Access line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 36 MHz CPU
|
ST Microelectronics
|
LPC1820FET100 |
32-bit ARM Cortex-M3 MCU??kB flash, 168kB SRAM, TFBGA100 package
|
NXP Semiconductors N.V.
|
STM32F301K8 |
ARM Cortex-M4 32-bit MCU FPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ?3.6 V
|
STMicroelectronics
|
LPC12D27FBD100 |
32-bit ARM Cortex-M0 microcontroller; 128 kB flash and 8 kB SRAM; 4 x 40 segment LCD driver 32位ARM Cortex-M0的微控制器,128KB闪存 KB静态随机存储器;4×40段LCD驱动 32-bit ARM Cortex-M0 microcontroller??28kB flash, 8kB SRAM, LCD, LQFP100 package
|
NXP Semiconductors N.V.
|