PART |
Description |
Maker |
50-65-0024 50-65-0048 50-65-0014 50-65-0032 50-65- |
CGrid SL PMC WToW DR ModBrnch 24Ckt 24-24 CONTACT(S), FEMALE-MALE, PANEL MOUNT, PCB ADAPTER CGrid SL PMC WToW DR ModBrnch 48Ckt 48-48 CONTACT(S), FEMALE-MALE, PANEL MOUNT, PCB ADAPTER 50650014 14-14 CONTACT(S), FEMALE-MALE, PANEL MOUNT, PCB ADAPTER CGrid SL PMC WToW DR ModBrnch 32Ckt 32-32 CONTACT(S), FEMALE-MALE, PANEL MOUNT, PCB ADAPTER CGrid SL PMC WToW DR ModBrnch 12Ckt Mod Branch; No. of Contacts:20; No. of Rows:2; Mounting Type:Panel Mount; Gender:Header RoHS Compliant: Yes CGrid SL PMC WToW DR ModBrnch 8Ckt CGrid SL PMC WToW DR ModBrnch 28Ckt
|
Molex, Inc. MOLEX INC
|
15-25-4251 15-25-4171 15-25-4141 15-25-4081 |
Connector; Number of Contacts:25; Pitch Spacing:0.2"; Number of Rows:1; Mounting Type:PCB; Gender:Header 25 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SOLDER Connector; No. of Contacts:17; Pitch Spacing:0.2"; No. of Rows:1; Mounting Type:PCB; Gender:Header 17 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SOLDER Connector; Number of Contacts:14; Pitch Spacing:0.2"; Number of Rows:1; Mounting Type:PCB; Gender:Header 14 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SOLDER 100 FFC LIF Assy Brs Tin 8Ckt 8 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SOLDER
|
Molex, Inc.
|
R124464000 R124426123 R124553120 R124553123 |
PANEL MOUNT, FEMALE, SMA CONNECTOR, RECEPTACLE JACK, SMA, PCB, STRAIGHT; Connector type:SMA, Coaxial; Impedance:50R; Material, contact:Brass; Plating, contact:Gold over Nickel; Body style:Straight Jack; Termination method:Solder; Mounting type:PC Board; Insulation RoHS Compliant: Yes PANEL MOUNT, BOARD TERMINATED, FEMALE, SMA CONNECTOR, SOLDER, RECEPTACLE
|
RADIALL S A
|
90152-2308 90152-2260 90152-2150 90152-2226 90152- |
C-Grid PCB Conn DR Horz Au-F 8Ckt 8 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn DR Horz Au-E 60Ckt 60 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn DR Horz Tn-A 50Ckt 50 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn DR Horz Au-E 26Ckt 26 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn DR Horz Sn-A 40Ckt 40 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn DR Horz Sn-A 28Ckt 28 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
0482016048 48201-6048 |
D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 9 Circuits, 2 pcs M3 Inner Thread Screw Attached, 0.76μm (30μ) Gold (Au) Plating, PCB Thickness 1.60mm (.063) MOLEX Connector
|
Molex Electronics Ltd.
|
1799030000 1798870000 1798890000 1799020000 179907 |
Terminal Block; Pitch Spacing:0.15"; Mounting Type:PCB 270 Degree Thru Hole; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:4; Number of Rows:1 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET Terminal Block; Number of Positions:4; Pitch Spacing:0.15"; Mounting Type:PCB Right Angle Thru Hole; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:4; Number of Rows:1 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET Terminal Block; Number of Positions:6; Pitch Spacing:0.15"; Mounting Type:PCB Right Angle Thru Hole; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:6; Number of Rows:1 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET Terminal Block; Pitch Spacing:0.15"; Mounting Type:PCB 270 Degree Thru Hole; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:3; Number of Rows:1 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET Terminal Block; Pitch Spacing:0.15"; Mounting Type:PCB 270 Degree Thru Hole; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:10; Number of Rows:1 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET Terminal Block; Pitch Spacing:0.15"; Mounting Type:PCB 270 Degree Thru Hole; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:6; Number of Rows:1 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET
|
Weidmuller, Corp.
|
09-62-4154 09-86-3043 |
156 KK PCB T/E WO/Hook 15 SAu 15Ckt 15 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 156 KK PCB Top Entry Tin 4Ckt 4 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
22-15-7028 22-15-8152 22-15-7108 |
KK 100 HOUSING ASSY PC TAIL 2 CKT TIN 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 100 KK PCB Hsg Sd Enty Brass 15Ckt 15 CONTACT(S), FEMALE, RIGHT ANGLE; STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 100 kk pcb conn BTM Entry 10 ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
1.70111E12 1.70411E12 1.7051E12 1.70631E12 1.72111 |
PLUG BUS TYPE A MALE 110WAY 5ROW PLUG BUS TYPE B MALE 110WAY 5ROW PLUG BUS TYPE B MALE 95WAY 5ROW PLUG BUS TYPE 47 308WAY SOCKET BUS TYPE A FEMALE R/A 110WAY SOCKET BUS TYPE B FEMALE R/A 110WAY SOCKET BUS TYPE B FEMALE R/A 95WAY PLUG BUS TYPE 47 220WAY 插座总线C型女R /5WAY 插头总线C型螺5WAY 5ROW PLUG BUS TYPE A MALE 150WAY 7ROW 总线插头类男50WAY 7ROW
|
PHOENIX CONTACT Deutschland GmbH
|
1786580000 1786560000 0298360000 1749170000 029846 |
PCB Terminal; Number of Positions:2; Pitch Spacing:7.62"; Wire Size (AWG):10-26; Mounting Type:PCB; Number of Rows:1 MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 6 mm2, Pitch: 7.62 mm, No. of poles: 2, 180°, Box
|
Weidmuller, Corp.
|
43202-8826 43202-4104 43202-4101 43202-8810 43202- |
Modjack RA LoPro Flgls w/Shld 50Au 8/8 8 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK ModJack RA LoPro Flgls 50 SAu 4/2 4 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK Modular Jack; Number of Contacts:4; Number of Ports:4; Contact Material:Phosphor Bronze; Connector Type:PCB Jack 4 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK Modjack RA LoPro Flgls w/Shld 50Au 8/10 10 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK CONN MOD JACK 8-8 SHIELD TOP TAB 8 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK CONN MODULAR JACK 8-10R/A UNSHLD 8 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK
|
Molex, Inc.
|
85052-0593 85052-0830 |
Connector,DIN-41612,PCB Mnt,PLUG,48 Contacts,SKT,0.1 Pitch,R ANGLE PC TAIL Terminal,LOCKING RoHS Compliant: Yes 48 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER DINCONN. R/2 FEMALE 48CKT 850520830 48 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER
|
Molex, Inc.
|
|