PART |
Description |
Maker |
MLF1608A2R7KT MLF1608A4R7KT MLF1608A2R2KT MLF1608A |
Inductors for Standard Circuits Multilayer Ferrite MLFseries Inductors for Standard Circuits Multilayer/STD magnetic shielded MLF series
|
TDK Electronics
|
TDA3843 |
Sound-IF circuit for TV AM-sound standard L and L? Sound-IF circuit for TV AM-sound standard L and L’ Sound-IF circuit for TV AM-sound standard L and L
Philips
|
NXP Semiconductors Philips Semiconductors 2
|
U3760MB-MFNG3 U3760MB-MSD U3760MB U3760MB-MFN |
Low-Voltage Standard Telephone Circuit
|
TEMIC[TEMIC Semiconductors]
|
U3760MB-N U3760MBN |
Low-Voltage Standard Telephone Circuit From old datasheet system
|
Atmel
|
U4089B-M |
Multi-standard feature phone circuit with voice switch From old datasheet system
|
Atmel Corp
|
U4090B-P |
Multi-standard feature phone circuit with voice switch From old datasheet system
|
Atmel Corp
|
19-09-1019 |
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing with Positive Latch, UL 94V-2, 1 Circuit
|
Molex Electronics Ltd.
|
19-09-1016 |
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing with Positive Latch, UL 94V-0, 1 Circuit
|
Molex Electronics Ltd.
|
BA6212 |
; Short circuit protection, Thermal shutdown; Non standard outputs available as specials between 3.3V~24V; Low ripple and noise; L version with 90
|
Rohm CO.,LTD.
|
BTA40A BTA40B 2939 BTA40-400B BTA40-400A BTA40-600 |
Standard triac, 40Ampere, 800V Standard triac, 40Ampere, 700V Standard triac, 40Ampere, 600V Standard triac, 40Ampere, 400V From old datasheet system STANDARD TRIACS RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 15V; Output Voltage (Vdc): 12V; Power: 1W; Pot-Core Transformer - separated
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
RN2001 RN2002 RN2003 RN2005 RN2006 RN2004 |
Transistor Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications Switching/ Inverter Circuit/ Interface Circuit And Driver Circuit Applications Switching Inverter Circuit Interface Circuit And Driver Circuit Applications
|
TOSHIBA[Toshiba Semiconductor]
|
XG4M-6431 XG4U-1004 XG4U-3004 XG4U-3404 XG4U-4004 |
Flat Cable Connectors Industry Standard Circuit Board Connectors Conform to MIL Standards
|
Omron Electronics LLC
|