PART |
Description |
Maker |
KPM-256LAU |
6 V, size: 128 x 256 x 30 mm, LED dot matrix module
|
AUK Corp
|
AT93C66B-SSHM-T AT93C56B-SSHM-T |
3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
|
ATMEL Corporation
|
S29PL129N70FFW002 S29PL127N65GFIW02 |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
|
SPANSION
|
AT93C56A AT93C56A-10PI-1.8 AT93C56A-10PI-2.7 AT93C |
16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 240 x 128 pixel format, CFL Backlight with power harness 128 x 64 pixel format, LED or EL Backlight available ER 4C 4#16 SKT PLUG Circular Connector; No. of Contacts:4; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-10 RoHS Compliant: No 3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
29PL256N S29PL127N65GAW003 S29PL127N65GAWW00 S29PL |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
|
SPANSION
|
S29PL129N70GAIW02 S29PL129N80FAIW03 S29PL129N80FAW |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
|
SPANSION
|
IDT72V8985 IDT72V8985DB IDT72V8985J IDT72V8985PV I |
From old datasheet system 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 256 x 256 TSI, 8 I/O at 2Mbps, Variable/Constant Delay, 3.3V
|
Integrated Device Technology IDT
|
ZL50110GAG ZL50110GAG2 ZL50114GAG2 ZL50111GAG ZL50 |
128, 256, 512 and 1024 Channel CESoP Processors
|
Zarlink Semiconductor Inc
|
CY7C0852V-133BBCT CY7C0853AV-100BBI |
FLEx363.3 V 32 K / 64 K / 128 K / 256 K 36 Synchronous Dual-Port RAM
|
Cypress
|
SMC064AF SMC064AFY6 SMC064AFY6E SMC032AFY6 SMC128A |
32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash垄芒 card 32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash card 32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash?/a> card 32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash?card
|
Numonyx B.V
|
SLE4440 SLE4440C SLE4440M3 SLE4441C SLE4442M3 SLE4 |
ICS FOR CHIP CARDS / INTELLIGENT 256/64/128-BYTE EEPROM
|
SIEMENS[Siemens Semiconductor Group]
|
MT90810 |
256 x 128 Channels Flexible MVIP Interface Circuit (FMIC)
|
Zarlink Semiconductor
|