PART |
Description |
Maker |
GOB94027 GOB95027 GOB96027 |
400 V Bi-directional 3-phse AC-DC bridge 500 V Bi-directional 3-phse AC-DC bridge 690 V Bi-directional 3-phse AC-DC bridge
|
Green Power
|
GOB94028 GOB95028 |
400 V Bi-directional 3-phse AC-DC bridge 500 V Bi-directional 3-phse AC-DC bridge
|
Green Power
|
GOB94020 GOB95020 |
400 V Bi-directional 3-phse AC-DC bridge 500 V Bi-directional 3-phse AC-DC bridge
|
Green Power
|
GOG94012C GOG95012C |
400 V 3-phse AC-DC bridge 500 V 3-phse AC-DC bridge
|
Green Power
|
GOA94012 GOA95012 |
400 V 3-phse AC-switch 500 V 3-phse AC-switch
|
Green Power
|
USM16G48 USM16G48A USM16J48 USM16J48A SM16J48A SM1 |
BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE AC POWER CONTROL APPLICATIONS 400 V, 16 A, TRIAC
|
http:// TOSHIBA[Toshiba Semiconductor]
|
T3A6CI |
RECTIFIER STANDARD SINGLE 3A 400V 400 100A-ifsm 10uA-ir 1.15V-vf PowerDI5 5K/REEL BI-DIRECTIONAL TRIODE THYRISTOR 3A MOLD TRIAC
|
KEC Holdings KEC[KEC(Korea Electronics)]
|
ZMDC-20-1BR |
25 MHz - 400 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.5 dB INSERTION LOSS-MAX CASE M21
|
Mini-Circuits
|
87310B 87300C 87300D 87301B 87300B 87301D 87301C 8 |
87310B Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional Coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional Coupler, 6 to 26.5 GHz 87301B Coaxial Directional Coupler, 10 to 46 GHz 87300B Coaxial Directional Coupler, 1 GHz to 20 GHz 87301D Coaxial Directional Coupler, 1 GHz to 40 GHz 87301C Coaxial Directional Coupler, 10 to 50 GHz 87301E Coaxial Directional Coupler, 2 GHz to 50 GHz
|
Agilent (Hewlett-Packard)
|
P4KE11 P4KE10 P4KE100 P4KE20 P4KE27 P4KE33 P4KE180 |
400 Watt Transient Voltage Suppressors 6.8 to 400 Volts 400 Watt Transient Voltage Suppressors 6.8 to 400 Volts 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-41
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
1.5CE7.5CA 1.5CE8.2 1.5CE9.1 1.5CE350 1.5CE400 1.5 |
1.5W TRANSIENT SUPPRESSOR UNI-DIRECTIONAL AND BI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSORS 1500 WATTS, 6.8 THRU 440 VOLTS
|
http:// Central Semiconductor Corp Central Semiconductor C...
|
M57788LR 57788LR |
400-430MHz, 13.5V, 47W, FM MOBILE RADIO 400 - 430MHz3.5V7W配合,调频移动通信 400-430MHz / 13.5V / 47W / FM MOBILE RADIO From old datasheet system MITSUBISHI RF POWER MODULE 400-430MHz, 13.5V, 47W, FM MOBILE RADIO
|
Mitsubishi Electric, Corp. MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|