PART |
Description |
Maker |
FSP060-1K80 |
Wide-range input 90-264 VAC
|
FSP TECHNOLOGY INC.
|
MAP140_06 MAP140-3000P MAP140-1012 MAP140-1024 MAP |
a full range of options and up to 30 watts more power than comparable products in this industry-standard footprint. Universal Input 85-264 VAC
|
POWER-ONE[Power-One]
|
TPIBU-41 |
Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
|
Total Power Internation...
|
MAP80-4000 MAP80-4003 |
Wide Range Input for 110/220 VAC Applications 宽范围输入的110/220伏交流电应用
|
Astrodyne, Inc.
|
NP0850A |
Front-End Power Supply:170 Vac to 264 Vac Input; 54.2 Vdc Output; 850 W(前端电源(170V64V交流输入;54.2V直流输出850W功率 前端电源70 VAC64 VAC输入; 54.2 Vdc输出850瓦(前端电源(的170V64V交流输入; 54.2V直流输出850W的功率)
|
Lineage Power, Corp.
|
RSLD035-7A RSLD035-4A |
Wide Range Input: 120, 240, or 277 VAC STRATO LED Drivers 35W, Single output
|
List of Unclassifed Manufac...
|
WP06R WP06R12D05 WP06R12D12 WP06R12D15 WP06R12S05 |
High Density 5-6 Watt Wide Input Range DC/DC Converter 5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER 5-6 WATT HIGH DENSITY/ WIDE INPUT RANGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 2A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
MAX1856 MAX1856EUB |
Wide Input Range / Synchronizable / PWM SLIC Power Supply " Wide-Input-Range, Synchronizable, PWM SLIC Power Supply" Wide Input Range Synchronizable PWM SLIC Power Supply From old datasheet system Wide Input Range, Synchronizable, PWM SLIC Power Supply Replaced by TMS320C6202B : Fixed-Point Digital Signal Processor 352-FCBGA 0 to 0 SWITCHING CONTROLLER, 575 kHz SWITCHING FREQ-MAX, PDSO10 Replaced by TMS320C6202B : Fixed-Point Digital Signal Processor 352-FCBGA 宽输入范围、可同步的、PWM SLIC电源
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LTC1871IMS-1-PBF LTC1871EMS-1-PBF LTC1871EMS-1-TR |
Wide Input Range, No RSENSE?/a> Current Mode Boost, Flyback and SEPIC Controller Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO10
|
http:// LINEAR TECHNOLOGY CORP
|
LTC2321-16 LTC2321-14 LTC2314-14 LT1818 LTC6652 LT |
Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2348-18-15 |
Octal, 18-Bit, 200ksps Differential 10.24V Input SoftSpan ADC with Wide Input Common Mode Range
|
Linear Technology
|