PART |
Description |
Maker |
11-40-2066 1140-2066 0011-40-2066 |
Terminator Die - DOUBLES
|
Molex Electronics Ltd.
|
DTA143EM3T5G |
Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|
PDTA124E PDTA124EEF PDTA124EM PDTA124ET PDTA124EEF |
PNP resistor-equipped transistors; R1 = 22 k惟, R2 = 22 k惟 PNP resistor-equipped transistors; R1 = 22 kΩ, R2 = 22 kΩ PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = 22 kOhm 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors NXP Semiconductors N.V.
|
2DB1424R-13 2DB1424R |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
DSS60600MZ4 DSS60600MZ4-13 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 55V to 100V 6 A, 60 V, PNP, Si, POWER TRANSISTOR GREEN, PLASTIC PACKAGE-4 LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
CMLT2907A |
SMD Small Signal Transistor Dual PNP General Purpose Amplifier/Switc SURFACE MOUNT DUAL PNP SILICON TRANSISTORS SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
ZXT10P40DE6 ZXT10P40DE6TA ZXT10P40DE6TC |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR PNP Low Sat Transistor
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
2N4402 2N4403 ON0046 2N4403RLRE |
General Purpose Transistors PNP General Purpose Transistors(PNP Silicon) Motorola Preferred Device From old datasheet system
|
ONSEMI[ON Semiconductor]
|
2N4403ZL1 2N4403RLRP 2N4403RLRM 2N4403RL 2N4403RLR |
General Purpose Transistors 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 General Purpose Transistors, PNP Silicon
|
ON Semiconductor
|
UMT3906 SST3906 MMST3906 2N3906 A5800337 MMST3906T |
晶体管|晶体管|进步党| 40V的五(巴西)总裁| 200mA的一c)|的SOT - 346 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 200MA I(C) | SOT-346 From old datasheet system PNP General Purpose Transistor Transistors > Small Signal Bipolar Transistors(up to 0.6W)
|
ROHM[Rohm]
|
2SA1882 0177 |
PNP Epitaxial Planar Silicon Transistors Low-Frequency General-Purpose Amplifier Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|