PART |
Description |
Maker |
STEVAL-VNH5019A |
VNH5019A Evaluation Board
|
ST Microelectronics
|
STM32L152D-EVAL |
Evaluation board for STM32L1 series - with STM32L152ZD MCU STM32L152D-EVAL evaluation board
|
ST Microelectronics STMicroelectronics
|
EVALSPEAR320PLC |
SPEAr320 evaluation board for PLC applications Evaluation board for SPEAr320 embedded MPU
|
ST Microelectronics STMicroelectronics
|
STR7-SK/KEIL STR750-SK/KEIL STR91X-SK/KEI |
Keil starter kit with STR750F evaluation board, USB-JTAG debugger and evaluation version of RealView Microcontroller Development Keil starter kit with STR912F evaluation board, USB-JTAG debugger and evaluation version of RealView Microcontroller Development
|
ST Microelectronics
|
U5T12.12.5 R5T12.2.5 U28S15.45 U28S24.4 R28D15.22 |
Low power quad operational amplifiers High power 3-phase auxiliary power supply evaluation board based on L5991 and ESBT STC08DE150HV Evaluation board using 1x SD3932 for HF transmitters VIPer12A travel adaptor 3.6W output Analog IC 模拟IC RF power amplifier using 1 x PD55008 N-channel enhancement-mode lateral MOSFETs 模拟IC RF power amplifier using 1 x PD55008L 模拟IC
|
Electronic Theatre Controls, Inc. KEMET Corporation Bourns, Inc. MITSUMI ELECTRIC CO., LTD.
|
AOZ1210-EVA |
EZBuck 2A Simple Buck Regulator Evaluation Board Note EZBuck⑩ 2A Simple Buck Regulator Evaluation Board Note
|
Alpha & Omega Semiconductors
|
AOZ1019-EVA B230A-FDICT-ND GRM188R61E105KA12D CRCW |
EZBuck?/a> 2A Simple Buck Regulator Evaluation Board Note EZBuck 2A Simple Buck Regulator Evaluation Board Note EZBuck⑩ 2A Simple Buck Regulator Evaluation Board Note
|
ETC Alpha & Omega Semiconductors
|
25AA640T-I/SN 25AA640-I/ST 25AA640-I/P 25LC640X-E/ |
Evaluation Kit for the MAX1715 Evaluation Kit for the MAX1879 Evaluation Kit for the MAX1864 3µs, 12-Bit ADC Evaluation Kit for the MAX1717 Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning (IMVP-II) SPI串行EEPROM
|
Luxo, Corp.
|
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|
EB-TK2150 |
Evaluation Board
|
Tripath
|
AN9101 |
EVALUATION BOARD
|
Fairchild Semiconductor
|