PART |
Description |
Maker |
MV6752 MV64520 MV64521 MV6152 MV6351 MV5152 MV5352 |
(MV6xxx) CLEAR LENS T-1/4 SOLID STATE LAMPS CLEAR LENS T-1 3/4 SOLID STATE LAMPS High Efficiency Red Diffused T-1 3/4 Solid State Lamp High Efficiency Green Diffused T-1 3/4 Solid State Lamp Yellow Diffused T-1 3/4 Solid State Lamp CLEAR LENS T-1-3/4 SOLID STATE LAMPS CLEAR LENS T-1? SOLID STATE LAMPS CLEAR LENS T-1? SOLID STATE LAMPS
|
FAIRCHILD[Fairchild Semiconductor]
|
SSRF-240D25 SSRF-240D25R SSRF-480D25 SSRF-480D25R |
25A SIP Solid State Relay With Paired SCR Output, Integral Heatsink Solid State Relays
|
Tyco Electronics
|
G3M-102PL-US G3M-202PL-US G3M-102PL-US-4 G3M-202PL |
Solid State Relays TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX SIP-4
|
Omron Electronics LLC Analog Devices, Inc. Mitsubishi Electric, Corp.
|
LH1500-AT LH1530 LH1504 LH1519 LH1518 LH1517 LH155 |
High Voltage Solid State Relays 高压固态继电器 High Voltage Optically Coupled Solid ... Solid State Relay (SSR) 1FormA
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
QTLP912-2 QTLP912-3 QTLP912-4 QTLP912-9 QTLP913 QT |
SUBMINIATURE T-3/4 (1.9 mm) SOLID STATE LAMPS Green Diffused Subminiature T-3/4 (1.9 mm) Solid State Lamp SUBMINIATURE T-3/4 (1.9mm) SOLID STATE LAMPS Green Subminiature T-3/4 (1.9 mm) Solid State Lamp HER Subminiature T-3/4 (1.9 mm) Solid State Lamp Yellow Subminiature T-3/4 (1.9 mm) Solid State Lamp AlGaAs Red Subminiature T-3/4 (1.9 mm) Solid State Lamp HER Diffused Subminiature T-3/4 (1.9 mm) Solid State Lamp AlGaAs Red Diffused Subminiature T-3/4 (1.9 mm) Solid State Lamp Yellow Diffused Subminiature T-3/4 (1.9 mm) Solid State Lamp
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
4D2450 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
10LPCV2415 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL066HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
D24110-10 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
LR1200480D25 LR600240D25 |
IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,Module TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
SJ-3A01HZNR SJ-5A01HZNR SJ-12A01HZNR SJ-24A01HZNR |
SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Fujitsu Component Limited.
|
SN-A24B SN-A200BF SN-A100BF SN-A12B SN-D100BF SN-D |
SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 20 X 5 MM, 17 MM HEIGHT, ROHS COMPLIANT, ULTRA SLIM PACKAGE-4
|
Fujitsu Component Limited. http:// FUJITSU Component., Ltd.
|