PART |
Description |
Maker |
IRF540_D ON0285 IRF540/D IRF540-D IRF540 |
27 A, 100 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100V7A TMOS Power Field Effect Transistor (N-Channel Enhancement Mode Silicon Gate100V7A TMOS功率场效应管(N沟道增强型硅门)) From old datasheet system TMOS POWER FET 27 AMPERES TMOS E-FET Power Field Effect Transistor N-Channel Enhancement-Mode Silicon Gate
|
Motorola, Inc. ON Semiconductor
|
IRFF110 IRFF111 IRFF112 IRFF113 |
N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 100V. Continuous drain current 3.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 3.0A. Power MOS Field-Effect Transistors N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 3.5A.
|
General Electric Solid State GE Solid State
|
NDP6020P NDB6020P |
P-Channel Enhancement Mode Field Effect Transistor24A,-20V0.05ΩP沟道增强型MOS场效应管(漏电流-24A, 漏源电压-20V,导通电0.05Ω 24 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-263AB P-Channel Logic Level Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
MTD3055VL MTD3055VLNL |
N-Channel Logic Level Enhancement Mode Field Effect Transistor 12 A, 60 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 From old datasheet system M-CHANNEL LOGIC LEVEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MRF1518T1 MRF1518NT1 |
RF Power Field Effect Transistor
|
MOTOROLA[Motorola, Inc]
|
MRF8S26120HR3 MRF8S26120HSR3 |
RF Power Field Effect Transistor
|
Motorola
|
27271SL |
RF Power Field Effect Transistor
|
Freescale Semiconductor, Inc
|
UFT150-28 |
RF POWER FIELD-EFFECT TRANSISTOR
|
Advanced Semiconductor, Inc.
|
MRF6P3300HR5 MRF6P3300H MRF6P3300HR3 MRF6P3300HR3_ |
RF Power Field Effect Transistor
|
FREESCALE[Freescale Semiconductor, Inc]
|
MTP6N10 |
POWER FIELD EFFECT TRANSISTOR
|
MOTOROLA[Motorola, Inc]
|
MTM25N10 |
POWER FIELD EFFECT TRANSISTOR
|
Motorola, Inc
|