PART |
Description |
Maker |
2SC4500L 2SC4500S 2SC4500L/S |
SMALL SIGNAL TRANSISTOR TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | 1A I(C) | TO-251AA 晶体管|晶体管|达林顿|叩| 60V的五(巴西)总裁| 1A条一c)|52AA TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | 1A I(C) | TO-252AA Silicon NPN Darlington Transistor
|
Hitachi Semiconductor
|
D40C4 D45D2 D45D4 D45D6 D40C7 D40K4 D44D5 |
TRANSISTOR | BJT | DARLINGTON | NPN | 40V V(BR)CEO | 500MA I(C) | TO-202AC TRANSISTOR | BJT | DARLINGTON | PNP | 50V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 70V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 90V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | NPN | 50V V(BR)CEO | 500MA I(C) | TO-202 TRANSISTOR | BJT | DARLINGTON | NPN | 50V V(BR)CEO | 2A I(C) | TO-202AC TRANSISTOR | BJT | DARLINGTON | NPN | 80V V(BR)CEO | 6A I(C) | TO-220AB 晶体管|晶体管|达林顿|叩| 80V的五(巴西)总裁| 6A条一(c)| TO - 220AB现有
|
Vishay Intertechnology, Inc.
|
2SD1592 2SD1592L |
Silicon transistor NPN SILICON TRIPLE DIFFUSED TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-VOLTAGE LOW-SPEED SWITCHING TRANSISTOR | BJT | DARLINGTON | NPN | 300V V(BR)CEO | 5A I(C) | SOT-186
|
NEC Corp.
|
MPSA12DA MPSA12DB MPSA12DC MPSA42DB MPSA42DC MPSA4 |
TRANSISTOR | BJT | PNP | 150V V(BR)CEO | CHIP 晶体管|晶体管|进步党| 150伏五(巴西)总裁|芯片 TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | CHIP 晶体管|晶体管|达林顿|叩| 60V的五(巴西)总裁|芯片 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | CHIP 晶体管|晶体管| npn型| 140伏特五(巴西)总裁|芯片 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | CHIP TRANSISTOR | BJT | DARLINGTON | NPN | 30V V(BR)CEO | CHIP TRANSISTOR | BJT | NPN | 300V V(BR)CEO | CHIP TRANSISTOR|BJT|DARLINGTON|NPN|CHIP
TRANSISTOR|BJT|DARLINGTON|NPN|30VV(BR)CEO|CHIP
|
Zetex Semiconductor PLC Central Semiconductor, Corp. Cypress Semiconductor, Corp.
|
ZTX614 |
NPN Darlington Transistor NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
|
ZETEX[Zetex Semiconductors] Diodes Incorporated
|
MMBT6427LT1 MMBT6427LT3 MMBT6427LT1-D MMBT6427LT1G |
Darlington Transistor NPN Silicon Small Signal Darlington Darlington Transistor(NPN Silicon)
|
ON Semiconductor
|
2N6301 JANTX2N6300 JANTX2N6301 JANTXV2N6301 2N6300 |
NPN Darlington Transistor PNP DARLINGTON POWER SILICON TRANSISTOR
|
MICROSEMI[Microsemi Corporation]
|
GMPSA14 |
The GMPSA14 is designed for darlington applications requiring extremely high current gain at collector to 500mA NPN SILICON DARLINGTON TRANSISTOR
|
E-Tech Electronics LTD GTM CORPORATION
|
SFT6039 |
NPN Darlington Power Transistor 4 AMP NPN Darlington Power Transistor 80 Volts
|
Solid States Devices, Inc
|
KSP13BU KSP13TF |
NPN Epitaxial Silicon Darlington Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 500 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Darlington Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 500 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|