PART |
Description |
Maker |
IRFB3407ZPBF |
Hard Switched and High Frequency Circuits
|
International Rectifier
|
RHFAC151K01V RHFAC151K02V RHFAC157K01V RHFAC157K02 |
Rad-Hard 8-Channel Multiplexer Rad-Hard Quad 2-Channel Multiplexer Rad-Hard Hex Inverter Rad-Hard Quad 2-Input NOR Gate Rad-Hard Quad 2-Input NAND Gate Rad-Hard Triple 3-Input NAND Gate Rad-Hard Quad 2-Input AND Gate Rad-hard hex Schmitt inverter low power Rad-Hard Quad 2-Input OR Gate Rad-Hard Hex D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Latch 3-state Rad-Hard Quad exclusive OR Rad-Hard Octal Bus Buffer 3-state Rad-Hard 16-bit D-Type Latch 3-state
|
ST Microelectronics
|
HS-22620RH HS0-22620RH-Q HS9-22620RH HS9-22620RH/P |
Rad Hard Dual/ Wideband/ High Input Impedance Uncompensated Operational Amplifier Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational
Amplifier(抗辐射宽带、高非补偿输入阻抗运算放大器) Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier DUAL OP-AMP, 6000 uV OFFSET-MAX, 100 MHz BAND WIDTH, UUC18
|
Intersil Corporation Intersil, Corp.
|
ADM8828 ADM8828ART ADM8829ART ADM8829 2494 ADM8828 |
Switched-Capacitor Voltage Inberter with Shutdown From old datasheet system Switched-Capacitor Voltage Inverter with Shutdown; Package: SOT-23; No of Pins: 6; Temperature Range: Industrial SWITCHED CAPACITOR CONVERTER, 190 kHz SWITCHING FREQ-MAX, PDSO6
|
AD[Analog Devices] Analog Devices, Inc.
|
ISL70002SEHEVAL1Z ISL70002SEHX/SAMPLE ISL70002SEHF |
Rad Hard and SEE Hard 12A Synchronous Buck Regulator with Multi-Phase Current Sharing
|
Intersil Corporation
|
HS-22620RH HS-2620RH HS-2622RH |
Op Amp, Dual, Wideband, High Input Impedance Uncompensated, 100MHz, 20V/s, Rad-Hard Op Amp, Single, 80MHz, 20V/s, Rad-Hard, 500MΩ Input Impedance Op Amp, Single, 80MHz, 20V/s, Rad-Hard, 65MΩ Input Impedance
|
Intersil
|
ADP3610 ADP3610ARU ADP3610ARU-REEL ADP3610ARU-REEL |
320 mA Switched Capacitor Voltage Doubler SWITCHED CAPACITOR CONVERTER, 650 kHz SWITCHING FREQ-MAX, PDSO16
|
AD[Analog Devices] ANALOG DEVICES INC
|
MAX1682 MAX1682EUK-T MAX1682-MAX1683 MAX1683EUK-T |
Switched-Capacitor Voltage Doublers 开关电容倍压 Switched-Capacitor Voltage Doublers SWITCHED CAPACITOR CONVERTER, 15.6 kHz SWITCHING FREQ-MAX, UUC5 Switched-Capacitor Voltage Doublers SWITCHED CAPACITOR CONVERTER, 57.8 kHz SWITCHING FREQ-MAX, PDSO5
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
54ACT151 54AC14 |
Rad-hard advanced high-speed 5 V CMOS logic series
|
STMicroelectronics
|
HS-2700RH |
Op Amp, High Gain, Low Power, 10k Rad-Hard
|
Intersil
|
TDA4601 |
PWM Control IC for Switched Mode Powe... From old datasheet system Control ICs for Switched-Mode Power Supplies
|
Infineon
|
HS-1100RH |
Op Amp, High Speed, Current Feedback, 850MHz, Slew Rate 2300V/s, Rad-Hard
|
Intersil
|