PART |
Description |
Maker |
FZT558-15 |
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
|
Diodes Incorporated
|
2SA1625 |
High voltage switch. Collector-base voltage: Vcbo = -400V. Collector-emitter voltage: Vceo = -400V. Emitter-base voltage Vebo = -7V. Collector dissipation: Pc(max) = o.75W.
|
USHA India LTD
|
2SA1412-Z |
High Voltage: VCEO=-400V High speed:tr 0.7ìs Collector to Base Voltage VCBO -400 V
|
TY Semiconductor Co., Ltd
|
APT40M75JN APT40M90JN |
POWER MOS IV 400V 56.0A 0.075 Ohm / 400V 51.0A 0.090 Ohm N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
ADPOW[Advanced Power Technology]
|
CZTA94 |
SMD Small Signal Transistor PNP High Voltage SURFACE MOUNT PNP HIGH VOLTAGE SILICON TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
CA3096_04 CA3096 CA3096A CA3096AE CA3096AM CA3096A |
NPN/PNP Transistor Array, High Voltage, Enhanced Icbo, Iceo and Vce(sat) NPN/PNP Transistor Array, High Voltage, General Purpose, Relaxed Parameters NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-012AC 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001BB
|
INTERSIL[Intersil Corporation]
|
2SA1862 |
High-voltage Switching Transistor (-400V, -2A)
|
Rohm
|
BF623 Q62702-F1053 |
PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
SGSD310 SGSD311 SGSD311FI |
150W; V(cer): 600V; V(ceo): 400V; 28A; high voltage, high power, fast switching silicon multiepitaxial planar NPN transistor
|
SGS Thomson Microelectronics STMicroelectronics
|
PN4249 PN4248 PN4250A FTSO4248 FTSO4249 FTSO4250 F |
PNP small signal high speed saturated switch. PNP small signal ultra high speed logic switch. PNP low noise high voltage amplifier. PNP general purpose amplifier. PNP Low Level Low Noise Amplifiers 进步党低级别低噪声放大器
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FMMT6520 |
PNP High Voltage Transistor SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated
|
2SC4616 |
Large current calcity (IC=2A) High blocking voltage(VCEO 400V)
|
TY Semiconductor Co., Ltd
|