PART |
Description |
Maker |
U123P U3089M U3079M U427BFP U3082M U2097B U3084M |
TRANSIL 3 stages RF power amplifier demonstration board using: PD57002-E, PD57018-E, 2 x PD57060-E RF power amplifier using 1 x PD55035S N-channel enhancement-mode lateral MOSFETs Interface IC Evaluation board using PD84002 for UHF RFID reader 接口IC Trisil" for telecom equipment protection 接口IC Evaluation board using PD84006L-E for 900 MHz 2-way radio
|
Jameco Electronics SIEMENS AG
|
AKD4524 AK4524 |
Evaluation board Rev.A for AKD4524 EVALUATION BOARD REV.A FOR AK4524
|
AKM[Asahi Kasei Microsystems]
|
PE-52627 PE-52629 PE-52625 PE-52649 PE-52628 PE-52 |
LTC1701 Evaluation Kit Standard Low Power Inductors - Switch Mode Power Converters and Ripple Filters LTC1773EMS Evaluation Kit LTC3401EMS10 Evaluation Kit LTC1876 Evaluation Kit LTC1960 Evaluation Kit LTC1700EMS Evaluation Kit 3.3V Micropower EIA/TIA-562 Transceiver LTC1771EMS8 Evaluation Kit 标准低功率电感器-开关电源转换器和过滤器纹波
|
Electronic Theatre Controls, Inc.
|
27C010RPFI-30 27C010RPFC-25 27C010RPFB-30 27C010RP |
x8 EPROM Evaluation Kit for the MAX3741 Evaluation Kit for the MAX3738 Evaluation Kit for the MAX3748A Evaluation Kit for the MAX3740A Evaluation Kit for the MAX3737 Evaluation Kit for the MAX3744, MAX3745 x8存储 Evaluation Kit for the MAX3747, MAX3747A x8存储
|
Atmel, Corp.
|
HV9910DB6 |
Supertex Driver Evaluation Board for OSRAM OSTARLED Supertex Driver Evaluation Board for OSRAM OSTAR⑩ LED
|
Supertex, Inc.
|
SE-17010 |
SE board for UPD1700X series SYSTEM EVALUATION BOARD
|
NEC[NEC]
|
QPI-X-EVAL1 QPI-1-EVAL1 QPI-2-EVAL1 QPI-3-EVAL1 QP |
Evaluation Board for Active EMI Filters 评估板有EMI滤波 Evaluation Board for Active EMI Filters 评估板有源EMI滤波
|
Vicor, Corp. VICOR[Vicor Corporation]
|
TMCM-MOTOR TMC428A-EVAL |
Evaluation Board with TMC428,TMC246A & TMC249A and stall Guard??/a> Evaluation Board with TMC428,TMC246A & TMC249A and stall Guard垄芒
|
TRINAMIC Motion Control GmbH & Co. KG.
|
AD421 AD421BR EVAL-AD421EB AD421BN AD421BRRL EVAL- |
Loop-Powered 4 mA to 20 mA DAC Loop-Powered 4-20 mA DAC 18-Bit/ 2.5 LSB INL/ 570 kSPS SAR ADC 1 MSPS/ 12-Bit ADCs Evaluation Board for 1MSPS/ 12-Bit ADC SigmaDSP 3-Channel/ 26-Bit Signal Processing DAC Low Cost/ Low Power CMOS General Purpose Analog Front End EvaluationBoardforLowCost/LowPower/ CMOSGerneralPurposeDualAnalogFrontEnd Evaluation Board for 12-bit high speed/ low power/ successive-approximation ADC Evaluation Board AD1555/1556 24-Bit ADC 1.8 V/ Micro-Power/ 8/10/12-Bit ADCs in 6 Lead SOT-23 Evaluation Board for 1MSPS/ 12-/ 10-Bit ADCs 2.35 V to 5.25 V/ 1 MSPS/ 12-/10-/8-Bit ADCs in 6-Lead SC70 Multichannel 24-Bit/ 192 kHz/ DAC 2 ADC/ 8 DAC/ 96 kHz/ 24-Bit Codec Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End AD73360L Evaluation Board/ Six Input Channel Analog Front End 3MSPS/ 12-Bit SAR ADC 2 ADC/ 6 DAC/ 96KHZ 24 BIT CODEC Differential Input/ Dual 2 MSPS/ 12-Bit/ 3-Channel SAR ADC Software Selectable True Bipolar Input/ 2-Channel/ 12-Bit Plus Sign ADC Differential Input/ 1MSPS/ 12-Bit ADC in SO-8 and S0-8 Evaluation Board for 10-bit high speed/ low power/ successive-approximation ADC 32-Channel/ 14-Bit Voltage-Output DAC 3MSPS/ 14-Bit SAR ADC
|
AD` AD[Analog Devices] ATMEL Corporation Analog Devices, Inc. http://
|
RT7232GQW |
Evaluation Board
|
Richtek Technology Corp...
|
AN9101 |
EVALUATION BOARD
|
Fairchild Semiconductor
|