PART |
Description |
Maker |
DN6848TE |
Hall IC(Operating Temperature Range Topr = - 40 to -100C, Operating in Alternative Magnetic Field)
|
Panasonic
|
DN6849TE |
Hall IC(Operating Temperature Range Topr = - 40 to -100C, Operating in Alternative Magnetic Field)
|
Panasonic
|
CS5462-ISZ |
Driver IC; Package/Case:24-SSOP; Leaded Process Compatible:Yes; No. of Channels:2; Operating Temp. Max:70 C; Operating Temp. Min:-10 C; Supply Voltage Max:5V RoHS Compliant: Yes
|
CIRRUS LOGIC INC
|
DS1814C DS1819A DS1814A DS1814B DS1819B DS1819C |
3.3 Volt EconoMonitor(3.3 V Econo复位监控 5 Volt Volt EconoMonitor(5 V Econo复位监控 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5
|
Maxim Integrated Products, Inc.
|
24101 24100 24S101 24S100 24680 24220 24S6R8 2400 |
IC CODEC SPKRPHONE 2CH 20-SOIC 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR, SMD Bobbin Wound Surface Mount Inductors 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR, SMD Receiver IC; Supply Voltage:5V; Package/Case:28-TSSOP; Frequency:192GHz; Leaded Process Compatible:No; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Peak Reflow Compatible (260 C):No; Supply Voltage Max:5V RoHS Compliant: Yes Receiver IC; Supply Voltage:5V; Package/Case:28-SOIC; Frequency:192GHz; Leaded Process Compatible:No; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Peak Reflow Compatible (260 C):No; Supply Voltage Max:5V RoHS Compliant: Yes :108GHz; Frequency Min:8GHz; Leaded Process Compatible:No; No. of Channels:2 RoHS Compliant: Yes ; Frequency Min:8GHz; Interface Type:Serial; Leaded Process Compatible:No RoHS Compliant: No A/D Converter (A-D) IC; Resolution (Bits):24; Sample Rate:4000SPS; Input Channels Per ADC:2; Input Channel Type:Differential; Data Interface:Serial Full Duplex Analog to Analog Spkrphone Codec -free Transceiver IC; Transceiver Type:Digital Audio; Supply Voltage:5V; Package/Case:28-TSSOP; Frequency:96GHz; Leaded Process Compatible:Yes; No. of Receivers:1; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: Yes BobbinWoundSurfaceMountInductors
|
C&D TECHNOLOGIES INC C&DTechnologies CANDD[C&D Technologies]
|
SMFL2815S SMFL2812S SMFL2812D SMFL2805S SMFL2805D |
Operating temperature -55掳 to 125掳C Qualified to MIL-PRF-38534 Class H and K Operating temperature -55° to 125°C Qualified to MIL-PRF-38534 Class H and K DC/DC CONVERTERS 28 VOLT INPUT
|
Interpoint Corporation Company
|
L6205 |
OPERATING SUPPLY VOLTAGE FROM 8 TO 52V
|
TY Semiconductor Co., Ltd
|
BR24C64-WMN6TP |
Supply voltage 2.5V~5.5V/Operating temperature -40C~ 85C type
|
Rohm
|
BR93C46-10SU-2.7 BR93C66-10SU-2.7 BR93C56-10SU-2.7 |
Supply voltage 2.7V~5.5V/Operating temperature -40C~ 85C type
|
ROHM[Rohm]
|
BR24C64-MN6TP |
Supply voltage 4.5V~5.5V/Operating temperature -40C~ 85C type
|
Rohm
|
TB62726AFNA |
16-bit constant current LED driver with operating supply of 3.3V to 5V
|
Toshiba Semiconductor
|
BR93C46-WMN7TP BR93C66-WMN7TP BR93C56-WMN7TP BR93C |
Supply voltage 2.5V~5.5V/Operating temperature -40C~ 105C type
|
ROHM[Rohm]
|