PART |
Description |
Maker |
MA5532 MA5532-AE |
RFID Transponder Coil
|
Coilcraft
|
AT88RF020NBSP AT88RF020 AT88RF020-WC-82 AT88RF020- |
13.56 MHz, 2048-bit RFID EEPROM SPECIALTY CONSUMER CIRCUIT, UUC9 13.56 MHz/ 2048-bit RFID EEPROM Transponder IC with 2-Kbit memory, ISO14443-2/-3 type B compliant From old datasheet system
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
ATA5577M1330C-PPMY-14 |
Read/Write LF RFID IDIC Transponder 125KHz
|
ATMEL Corporation
|
XC3130-3TQ100C XC3130-5PG84I XC3130-4TQ100C XC3130 |
RFID transponder coil, SMT, RoHS Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA
|
Kontron AG Electronic Theatre Controls, Inc. Pletronics IXYS, Corp. Intersil, Corp. Microchip Technology, Inc. Mosel Vitelic, Corp. Fujitsu, Ltd. Xilinx, Inc.
|
MCRF200I_1M14D MCRF200I1M14D MCRF200I_SN00A MCRF20 |
The MCRF200 is a low cost one time contactlessly programmable passive Radio Frequency Indentification (RFID) IC device for low frequency applications (100 kMz - 400 kMz). The device has a total of 128 bits of memory and can be configured w 125 kHz microID⑩ Passive RFID Device 125 kHz microID Passive RFID Device 125 kHz microID?/a> Passive RFID Device AC 4C 4#8 SKT PLUG ER 19C 19#16 SKT PLUG 125 kHz microIDPassive RFID Device 125千赫microID⑩无RFID器件 125 kHz microIDPassive RFID Device 125千赫microID⑩无源RFID器件 125 kHz microID?Passive RFID Device
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
550-5630 550-5630-19-2G-00 550-5630-11-2G-00 |
1 ELEMENT, 1080 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1970 uH, GENERAL PURPOSE INDUCTOR RFID transponder coil, sleeved, axial
|
WEARNES CAMBION LTD CAMBION Electronic Components
|
HCS412-I/P HCS412-I/SN HCS412/SN HCS412 HCS412P HC |
48V Quad Hot-Swap Controllers For Power-Over-LAN KEELOQ Code Hopping Encoder and Transponder Code Hopping Encoder and Transponder(编码器和收发两用 The HCS412 combines the patented KEELOQ® code hopping technology and bi-directional transponder challenge-and-response security ...
|
Microchip Technology Inc.
|
MC34160 MC34160DW MC34160P MC33160 ON1103 MC33160D |
From old datasheet system MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT Tag-it(TM) HF-I Standard Transponder Inlays Square 0-RFIDN -25 to 70 Tag-it(TM) HF-I Pro Transponder Inlays Large Square 0-RFIDN -25 to 70 Tag-it(TM) HF-I Plus Transponder Inlays 24.2-mm Circular 0-RFIDN -25 to 70 FIXED POSITIVE REGULATOR, PDIP16
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] Motorola, Inc. Motorola Mobility Holdings, Inc.
|
9116 9113 9109 9115 9114 9058 9117 9106 9052 9055 |
SHIELDED ADJUSTABLE RF COILS 可调射频屏蔽线圈 Sjielded Adjustable RF Coils
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. JW Miller List of Unclassifed Manufacturers http://
|
MC33154 MC33154D MC33154P |
Tag-it(TM) HF-I Standard Transponder Inlays Miniature Rectangle 0-RFIDN -25 to 70 Tag-it(TM) HF-I Plus Transponder Inlays Square 0-RFIDN -25 to 70 4 A BUF OR INV BASED PRPHL DRVR, PDIP8 Tag-it(TM) HF-I Pro Transponder Inlays Miniature Rectangle 0-RFIDN -25 to 70 4 A BUF OR INV BASED PRPHL DRVR, PDSO8
|
Motorola, Inc. Motorola Mobility Holdings, Inc.
|
TP1102 TR1102 TR1102-0034 TR1102-0344J TR1102-0720 |
SMD Hard Ferrite Mechanically Improved Transponder Inductor SMD Ferrite Transponder Inductor
|
PREMO CORPORATION S.L
|