PART |
Description |
Maker |
BCC BCC400PS03 BCC200PS12 BCC400PS07 BCC400PS12 BC |
Wide Operating Temperature Range
|
XP Power Limited
|
LGA80D LGA80D-00DADJJ |
Wide operating temperature range
|
Artesyn Technologies
|
ACPL-K43T-000E ACPL-K43T-500E ACPL-K43T-560E |
Automotive R2CouplerTM Wide Operating Temperature
|
AVAGO TECHNOLOGIES LIMI...
|
OCVCXO-188A |
Compact OCVCXO (25×25×13.5mm) High stability Wide Operating Temperature Range
|
Kyocera Kinseki Corpotation
|
CC-0310-3 |
has a wide operating temperature range and is designed to sustain severe shock and vibration environments
|
JMK Inc.
|
DN8897SE DN8897TE |
Hall IC(Operating Temperature Range Topr=-40 to -100C, Operating in Alternative Magnetic Field)
|
Panasonic
|
AO4706 |
): 250 (@8MHz); Operating Frequency / Supply Voltage: 1.8 to 5.5V; Operating Ambient Temperature (°C): -20 to 85; Package Code: PLSP0020JB-A N-Channel Enhancement Mode Field Effect Transistor
|
Alpha & Omega Semiconductors
|
GRM0332C1E180GA01 GRM0332C1E8R9DA01 GRM0335C1E390G |
Temperature characteristics (complied standard) Operating temperature range Capacitance
|
Murata Manufacturing Co...
|
C-561E A-561G A-561E A-561SR A-561Y C-561Y A-551E |
SINGLE DIGIT DISPLAY for 250VAC; UL-60950-1 / CSA C22.2 certified; 5.2kVDC Isolation for 1 Minute; Optional Continuous Short Circuit Protected; Wide Operating Temperature C to 85C, Low Ripple & Noise, High Efficiency up to 80%, Low Profile Plastic Case, Single, Dual & Dual Separated Outputs
|
PARA Light ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|