PART |
Description |
Maker |
MX23C1010 MX23C1010MC-10 MX23C1010MC-12 MX23C1010M |
1M-BITMASKROM(8BITOUTPUT) From old datasheet system 1M-BIT MASK ROM(8 BIT OUTPUT) MINIATURE GENERAL PURPOSE RELAY 128K X 8 MASK PROM, 45 ns, PDIP32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 90 ns, PDIP32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 100 ns, PQCC32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 150 ns, PQCC32 1M-BIT MASK ROM (8 BIT OUTPUT) 100万位掩码光盘位输出) 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 120 ns, PDIP32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 70 ns, PDSO32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 120 ns, PQCC32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 100 ns, PDSO32
|
MCNIX[Macronix International] Macronix 旺宏 Macronix International Co., Ltd. Altera, Corp.
|
UPD78081CU-XXX UPD780054GK-XXX-BE9 UPD780054YGK-XX |
44-pin 8-bit microcomputer with on-chip UART 8-bit single-chip microcontroller Mask ROM 32K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 24K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 40K bytes, CMOS 8-bit microcomputer 78K/0 series 78K/0 series ROM-less 8-bit single-chip microcomputers 8-bit CMOS single-chip microcomputer 8-bit single-chip microcomputer 78K/0 series 100-pin g/p control 8-bit microcomputer with on-chip I2C bus 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit microcomputer w/ on-chip I2C bus I/F & A/D converter IEBus controller built-in 8-bit SC microcomputer
|
NEC
|
A23L9308 A23L9308-15 A23L9308-20 A23L9308H-15 A23L |
524288 X 8 BIT CMOS MASK ROM 524,288 X 8 BIT CMOS MASK ROM 524/288 X 8 BIT CMOS MASK ROM
|
AMIC Technology Corporation AMICC[AMIC Technology]
|
K3P6C2000B-SC |
32M-Bit (2Mx16 /1Mx32) CMOS MASK ROM 32兆位Mx16 / 1Mx32)的CMOS掩膜ROM 32M-Bit (2Mx16/1Mx32) CMOS MASK ROM Data Sheet
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
SAB-C504-2R24M SAB-C504-2RM SAB-C504-LM SAB-C504-L |
8-Bit Microcontrollers - 8-Bit CMOS Microcontroller with mask-programmable ROM (24MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller with mask-programmable ROM (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (24MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for extended temperature ranges
|
Infineon
|
K3N4C1000D-TC K3N4C1000D-TE |
8M-Bit CMOS Mask ROM
|
Samsung Electronics
|
LC3101 |
128K-BIT CMOS MASK ROM
|
SANYO[Sanyo Semicon Device]
|
HT23C256 |
CMOS 32K x 8-Bit Mask ROM
|
Holtek Microelectronics
|
KM23C32120C |
32M-Bit (4M X 8) CMOS Mask ROM
|
Samsung Semiconductor
|
UPD23C256E-1 UPD23C256E |
32,368 x 8-BIT MASK-PROGRAMMABLE CMOS ROM
|
NEC[NEC]
|
KM23V8105D KM23V8105DG KM23V8105G |
8M-Bit (1Mx8 /512Kx16) CMOS MASK ROM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
UM23C1028-A UM23C1028H-A UM23C1028-B UM23C1028H-B |
16,384 X 8-BIT CMOS MASK-PROGRAMMABLE ROM
|
http:// UMC Corporation
|