PART |
Description |
Maker |
CD4049UBC CD4049UBCM CD4049UBCN CD4050 CD4050BCM C |
Hex Inverting Buffer . Hex Non-Inverting Buffer 六角反相缓冲。六角非反相缓冲 Hex Inverting Buffer . Hex Non-Inverting Buffer 4000/14000/40000 SERIES, HEX 1-INPUT NON-INVERT GATE, PDSO16
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74LVT2240 74LVTH2240 74LVT2240SJX 74LVTH2240SJX 74 |
Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs From old datasheet system Dual 4-Bit Inverting Buffer/Driver
|
Fairchild Semiconductor
|
MM74HCT240 MM74HCT240MTC MM74HCT240N MM74HCT240SJ |
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer From old datasheet system Precision Air-Core Tach/Speedo Driver with Return to Zero; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74ALVCH162240 74ALVCH162240T 74ALVCH162240TX |
Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26?Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26 Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26з Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26 Ohm Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVT240 74LVT240D 74LVT240DB 74LVT240PW 74LVT240P |
ABT octal inverting buffer (3-State) - Description: 3.3V Buffer/Line Driver; Inverting (3-State) ; Logic switching levels: TTL ; Number of pins: 20 ; Output drive capability: -32/ 64 mA ; Propagation delay: 2.5@3.3V ns; Voltage: 2.7-3.6 V From old datasheet system ABT octal inverting buffer 3-State Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP -40 to 85 LVT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
M74HC365 M74HC365B1R M74HC365C1R M74HC365F1R M74HC |
RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING) HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
HEF40098B HEF40098BD HEF40098BF HEF40098BN HEF4009 |
3-state hex inverting buffer 4000/14000/40000 SERIES, 6-BIT DRIVER, INVERTED OUTPUT, CDIP16 3-state hex inverting buffer 三态缓冲六角反
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
CD4050BC CD4050BCB CD4050BCJ CD4050BCM CD4050BCN C |
CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
|
Rochester Electronics
|
M74HC366 M74HC366M1R M54HC365 M54HC365B1R M54HC365 |
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
|
STMICROELECTRONICS[STMicroelectronics]
|
74ALVC16244-D |
Low-Voltage 1.8/2.5/3.3 V 16-Bit Buffer With 3.6 V-Tolerant Inputs and Outputs (3-State, Inverting)
|
ON Semiconductor
|