PART |
Description |
Maker |
2SD1119 |
Satisfactory operation performances at high efficiency with the lowvoltage power supply.
|
TY Semiconductor Co., Ltd
|
74LCX16245 |
LOWVOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE)WITH 5V TOLERANT INPUTS AND OUTPUTS
|
STMicro
|
AKD4641EN-A |
16bit stereo CODEC with built-in Microphone-amplifier and 16bit Mono CODEC for Bluetooth Interface.
|
Asahi Kasei Microsystems
|
74LCX245 4965 |
LOWVOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE)WITH 5V TOLERANT INPUTS AND OUTPUTS From old datasheet system
|
STMicro
|
K4S641632C K4S641632C-TC_L70 K4S641632C-TC_L80 K4S |
64Mbit (1M x 16bit x 4 banks) bynchronous DRAM LVTTL, 125MHz 1M x 16Bit x 4 Banks Synchronous DRAM 64Mbit (1M x 16bit x 4 banks) bynchronous DRAM LVTTL, 166MHz
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
MM74HCT541 MM74HCT540 MM74HCT541MTC MM74HCT541N MM |
Bipolar Power T0220 PNP 10A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer From old datasheet system Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
TB62708N EE08582 |
16BIT SHIFT REGISTER / LATCHES & CONSTANT CURRENT SOURCE DRIVER From old datasheet system 16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT SOURCE DRIVERS
|
Toshiba Semiconductor
|
HY57V641620HGT-6 HY57V641620HGT-7 HY57V641620HGT-5 |
4 Banks x 1M x 16Bit Synchronous DRAM 4银行× 1米16位同步DRAM 4 Banks x 1M x 16Bit Synchronous DRAM 4M X 16 SYNCHRONOUS DRAM, 4.5 ns, PDSO54
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
K4E641612B-L K4E661612B K4E661612B-L K4E661612B-TC |
4M x 16bit CMOS dynamic RAM with extended data out, 3.3V power supply, 60ns, low power 4M x 16bit CMOS dynamic RAM with extended data out, 3.3V power supply, 45ns, low power 4M x 16bit CMOS dynamic RAM with extended data out, 3.3V power supply, 50ns, low power
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
CD4049UBC CD4049UBCM CD4049UBCN CD4050 CD4050BCM C |
Hex Inverting Buffer . Hex Non-Inverting Buffer 六角反相缓冲。六角非反相缓冲 Hex Inverting Buffer . Hex Non-Inverting Buffer 4000/14000/40000 SERIES, HEX 1-INPUT NON-INVERT GATE, PDSO16
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MM74HCT240 MM74HCT240MTC MM74HCT240N MM74HCT240SJ |
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer From old datasheet system Precision Air-Core Tach/Speedo Driver with Return to Zero; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
K4S641632C-TC/L10 K4S641632C-TC/L1H K4S641632C-TC/ |
1M x 16Bit x 4 Banks Synchronous DRAM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|