PART |
Description |
Maker |
MAX3180E MAX3180EEUK-T MAX3181EEUK-T MAX3182EEUK-T |
±15kV ESD-Protected, 0.5µA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5 15kV ESD-Protected, 0.5A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 "?à15kV ESD-Protected, 0.5?A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5" ±15kV ESD-Protected, 0.5μA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected 0.5A 3V to 5.5V 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected / 0.5A / 3V to 5.5V / 1.5Mbps RS-232 Receivers in SOT23-5 5kV ESD-Protected, 0.5レA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 LINE RECEIVER, PDSO5
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3440E MAX3440EAPA MAX3440EASA MAX3440EEPA MAX34 |
15kV ESD-Protected, 60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers " ?0V Fault-Protected, 10Mbps, Fail-Safe RS- 485 Transceiver with ?5kV ESD Protection" "?0V Fault-Protected, ?5kV ESD Protected, 10Mbps, Fail-Safe RS-485 Transceiver with Shutdown" "?0V Fault-Protected, 250kbps, Fail-Safe RS- 485 Transceiver with ?5kV ESD Protection" 15kV ESD-Protected 60V Fault-Protected 10Mbps Fail-Safe RS-485/J1708 Transceivers 15kV ESD-Protected / 60V Fault-Protected / 10Mbps / Fail-Safe RS-485/J1708 Transceivers 【15kV ESD-Protected, 【60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX3070E MAX3070EAPD MAX3070EASD MAX3070EEPD MAX30 |
3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers 3.3V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers " 3.3V, ?5kV ESD-Protected, Fail-Safe, Hot-Swap, Half-Duplex, 16Mbps RS-485/RS-422 Transceivers" " 3.3V, ?5kV ESD-Protected, Fail-Safe, Hot-Swap, Half-Duplex, 250kbps RS-485/RS-422 Transceivers" " 3.3V, ?5kV ESD-Protected, Fail-Safe, Hot-Swap, Full/Half-Duplex RS-485/ RS-422 Transceivers" " 3.3V, ?5kV ESD-Protected, Fail-Safe, Hot-Swap, Full-Duplex, 250kbps RS-485/RS-422 Transceivers" 3.3V 15kV ESD-Protected Fail-Safe Hot-Swap RS-485/RS-422 Transceivers 3.3V, 卤15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers 3.3V / 15kV ESD-Protected / Fail-Safe / Hot-Swap / RS-485/RS-422 Transceivers 3.3V, 【15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX3441EASA MAX3443EASA MAX3443EAPA MAX3440EAPA MA |
5kV ESD-Protected, 0V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers LINE TRANSCEIVER, PDIP8 ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
5962-0620705 5962-0620706 5962-0620707 5962-062070 |
5kV ESD Protected, 5.0V, 1A, 250kbps, RS-232 Transmitter/Receiver
|
Intersil
|
ST3237ECTR ST3237E ST3237EBD ST3237EBDR ST3237EBPR |
?5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY ?5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
|
STMICROELECTRONICS[STMicroelectronics]
|
UM3491EEPE UM3491EESE |
3.3V Low Power,?5kV ESD-Protected, Fail-Safe, RS-422 Transceivers in SOP14/DIP14
|
Union Semiconductor, Inc.
|
ISL3241E ISL3243E |
QFN Packaged, 5kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
|
Intersil
|
MAX487 MAX487E MAX487ECPA MAX487ECSA MAX487EEPA MA |
??5kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers Low-Power / Slew-Rate-Limited RS-485/RS-422 Transceivers 3.3/5-V RS-485 Transceiver 8-SOIC -40 to 85 15kV ESD-Protected / Slew-Rate-Limited / Low-Power / RS-485/RS-422 Transceivers 【15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers From old datasheet system " ?à15kV ESD-Protected, Slew-Rate Limited, Low-Power, RS-485/RS-422 Transceivers" ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers ±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers 卤15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers ±15kV ESD-Protected, Slew-Rate Limited, Low-Power, RS-485/RS-422 Transceivers
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm http:// MAXIM - Dallas Semiconductor
|
MAX3311E MAX3311ECUB MAX3311EEUB MAX3311E-MAX3313E |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 ±15kV ESD保护60kbpsµA、RS-232兼容收发器,µMAX封装 ±.15kV ESD-Protected.460kbps.1µ.A.RS-232-Compatible Transceivers in µ.MAX ±15kV ESD-Protected, 460kbps, 1μA, RS-232-Compatible Transceivers in μMAX 15kV ESD-Protected, 460kbps, 1A, RS-232-Compatible Transceivers in MAX " ?à15kV ESD-Protected, 460kbps, 1?A, RS-232-Compatible Transceivers in ?MAX" 15kV ESD-Protected 460kbps 1A RS-232-Compatible Transceivers in MAX 【15kV ESD-Protected, 460kbps, 1レA, RS-232-Compatible Transceivers in レMAX 15kV ESD-Protected / 460kbps / 1A / RS-232-Compatible Transceivers in MAX ±15kV ESD-Protected, 460kbps, 1µA, RS-232-Compatible Transceivers in µMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|