PART |
Description |
Maker |
CLX32-10 CLX32 CLX32-00 CLX32-05 |
HiRel X-Band GaAs Power-MESFET Reed Relay; Contacts:SPST-NO; Contact Carry Current:1.5A; Coil Voltage DC Max:12V; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes REED RELAY, 12V RoHS Compliant: Yes
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
FSP400-60GHC |
400 Watts ATX 12V Switching Power Supply
|
Sparkle Power Inc.
|
R-SPI250EP |
250 Watts ATX 12V Switching Power Supply
|
Sparkle Power Inc.
|
SPI500W7BG |
500 Watts ATX 12V, 2U Switching Power Supply
|
Sparkle Power Inc.
|
SPI500W7BGB |
500 Watts ATX 12V, 2U Switching Power Supply
|
Sparkle Power Inc.
|
FSP350-60GHN |
350 Watts ATX 12V Switching Power Supply
|
Sparkle Power Inc.
|
FSP400-702US |
400 Watts ATX 12V, 2U Switching Power Supply
|
Sparkle Power Inc.
|
FSP250-60GHC |
250 Watts ATX 12V Switching Power Supply
|
Sparkle Power Inc.
|
SPI400ACH8 |
400 Watts ATX 12V Switching Power Supply
|
Sparkle Power Inc.
|
FSP500-702UH |
500 Watts ATX 12V/EPS12V, 2U Switching Power Supply
|
Sparkle Power Inc.
|
LT1111CS8-5TRPBF LT1111IS8-5 LT1111IJ8-5 LT1111IN8 |
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8 SWITCHING REGULATOR, PDSO8 SWITCHING REGULATOR, CDIP8 SWITCHING REGULATOR, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1301 LT1301I LT1301IS8 LT1301CS8 LT1301C LT1301C |
Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory 0.75 A SWITCHING REGULATOR, 155 kHz SWITCHING FREQ-MAX, PDSO8 From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|