PART |
Description |
Maker |
DTEM1090 DTEM10901A DTEM10901B DTEM10901C DTEM1090 |
100 - 240VAC Input Voltage Range C14, C8, and C6 AC Inlet Connector Types
|
Wall Industries,Inc.
|
HVI102-490 HVI102-490B HVI102-490E HVI102-491 HVI1 |
UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
HVI102 |
UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
|
HITRON ELECTRONICS
|
HVP103-240042 HVP103-033200 HVP103-120085 HVP103-1 |
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
BUT33 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 3.3V; 2:1 Wide Input Voltage Range; 20 Watts POWERLINE: RP20-S_DEW - 4:1 Wide Input Voltage Range- 20 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Ul 1950 Component Recognised- Standard 50.8 x40.6x10.2mm Package- Efficiency to 84% 56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
|
Motorola Inc Motorola, Inc. ONSEMI[ON Semiconductor]
|
HPD100-S480021 HPD100-S120084 HPD100-S240042 |
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 100 WATTS SWITCHING MODE POWER SUPPLIES
|
http:// HITRON ELECTRONICS CORPORTION
|
HPU100-S033250 HPU100-T050KK HPU100-10 HPU100-13 H |
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19 COMPATIBLE EUROCARD 100 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES HPU100 SERIES
|
Total Power Internation... TOTAL-POWER[Total Power International] http://
|
HEMP100G-S120650-7L HEMP100G-S120650-8 HEMP100G-S1 |
HARMONIC CORRECTION AC/DC MEDICAL APPLICATION EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS GREEN POWER SWITCHING POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
2M5991 2N5989 |
12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40,60,80 VOLTS 100 WATTS 12安培功率晶体管互补性的芯片40,60,8000 12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40/60/80 VOLTS 100 WATTS 12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40 /60 /80 VOLTS 100 WATTS 12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 406080 VOLTS 100 WATTS
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
C100N50Z4 |
Surface Mount Termination 100 Watts, 50楼? Surface Mount Termination 100 Watts, 50Ω
|
Anaren Microwave
|