PART |
Description |
Maker |
ULN2429 ULN2429A ULN2429A-1 2429 |
FLUID DETECTOR
|
ALLEGRO[Allegro MicroSystems]
|
AD8362 AD8362ARU AD8362ARU-REEL7 AD8362ARUZ1 AD836 |
50 Hz to 2.7 GHz 60 dB TruPwr⑩ Detector 50 Hz to 2.7 GHz 60 dB TruPwr??Detector 50 Hz to 2.7 GHz 60 dB TruPwr Detector From old datasheet system IC,THRESHOLD DETECTOR,TSSOP,16PIN,PLASTIC
|
AD[Analog Devices] adi
|
449993-000 D-SCE-1K-9.5-50-9 D-SCE-1K-9.5-50-4 D-S |
D-SCE Fluid resistant heat-shrinkable wire identification sleeves D-SCE Fluid resistant heat-shrinkable wire identification sleeves
|
Tyco Electronics
|
2-OA90A |
Germanium Point Contact Type - Video Detector - FM-AM Detector
|
Panasonic
|
MC14LC5447 |
CALLING LINE ID RECEIVER WITH RING DETECTOR From old datasheet system Calllng Line Identlflcatlon (CLID) Recelver With Rlng Detector
|
Motorola
|
LTC3201 LTC5505-1 LTC5505-1ES5 LTC5505-2 LTC5505-2 |
RF Power Detector with Buffered Output and 40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 300 MHz - 3000 MHz RF/MICROWAVE LINEAR DETECTOR, 18 dBm INPUT POWER-MAX
|
LINER[Linear Technology] Linear Technology, Corp.
|
BA4118FV A5800628 |
IF Detector for Pagers(瀵诲??虹?涓??妫???ī IF Detector for Pagers(寻呼机的中频检测器) From old datasheet system
|
Rohm CO.,LTD.
|
LTC5508 LTC5508ESC6 LTC5508ESC6TRM LTC5508ESC6TRMP |
300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package; Package: SC70; No of Pins: 6; Temperature Range: -40°C to 125°C 300 MHz - 7000 MHz RF/MICROWAVE LINEAR DETECTOR, 12 dBm INPUT POWER-MAX 300MHz to 7GHz RF Power Detector in SC70
|
Linear Technology, Corp.
|
HMC612LP4 HMC612LP4E |
75 dB LOGARITHMIC DETECTOR / CONTROLLER, 50 Hz - 3000 MHz 50 MHz - 3000 MHz RF/MICROWAVE THRESHOLD DETECTOR, 10 dBm INPUT POWER-MAX
|
http:// Hittite Microwave Corporation
|
AD830202 AD8302ARU-REEL7 AD8302 AD8302ARU AD8302AR |
2.7GHz RF / IF Gain Phase Detector LF-2.7 GHz RF/IF Gain and Phase Detector
|
AD[Analog Devices]
|