PART |
Description |
Maker |
P8SG-247R2EM P8SG-0505EM P8SG-1205EM P8SG-1212EM P |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
PZ8GG-1515EH30 PZ8GG-0505EH30 PZ8GG-0512EH30 PZ8GG |
Input voltage:15V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12 PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
URA2405D-10WR2 URA2405XD-10WR2 |
REGULATED DUAL/SINGLE OUTPUTDIP PACKAGING, DC-DC CONVERTER REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
AFL5003.3SX/CH AFL5003.3SW/ES AFL5003.3SY/CH AFL50 |
Single Cell to 3.3V Regulated Charge Pump DC/DC Converter High Efficiency Inductorless Step-Down DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Analog IC 模拟IC Single Cell to 3.3V Regulated Charge Pump DC/DC Converter 模拟IC
|
DB Lectro, Inc. Air Cost Control Amphenol, Corp.
|
NSD10-12S12 NSD10-12S15 NSD10-12S3 NSD10-12S5 NSD1 |
10W DC-DC Regulated Single Output
|
Mean Well Enterprises Co., Ltd.
|
SCW03 SCW03A-05 SCW03A-12 SCW03A-15 SCW03B-05 SCW0 |
3W DC-DC Regulated Single Output Converter
|
Mean Well Enterprises Co., Ltd.
|
RV1-1224S10A1 RV1-1224D10A1 RV1-2403S10A1 RV1-2403 |
10 Watt regulated single & dual output
|
RSG Electronic Components GmbH RSG Electronic Componen...
|
P22TG-XXXXE41 |
1.5 KV ISOLATED 5 W REGULATED SINGLE OUTPUT DIP24
|
PEAK electronics
|
NMF0505S NMF0509S NMF0505D NMF2405D NMF4815S NMF N |
Isolated 1W Regulated Single Output DC-DC Converters
|
CANDD[C&D Technologies]
|
IF0505D-1W IF0505S-1W IF0509S-1W IF0515S-1W IF1205 |
ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN
|
SKM30 |
30W DC-DC Regulated Single Output Converter
|
Mean Well Enterprises
|