PART |
Description |
Maker |
1.5KE13CA 1.5KE110CA 1.5KE11CA 1.5KE130CA 1.5KE160 |
1500 Watt Mosorb Zener Transient Voltage Suppressors 1500 Watt mosorb zener transient voltage suppressors, 200V 1500 Watt mosorb zener transient voltage suppressors, 220V 1500 Watt mosorb zener transient voltage suppressors, 170V 1500 Watt mosorb zener transient voltage suppressors, 150V 1500 Watt mosorb zener transient voltage suppressors, 120V 1500 Watt mosorb zener transient voltage suppressors, 100V 1500 Watt Mosorb Zener Transient Voltage Suppressors 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 1500 Watt mosorb zener transient voltage suppressors, 110V 1500 Watt mosorb zener transient voltage suppressors, 130V 1500 Watt mosorb zener transient voltage suppressors, 160V 1500 Watt mosorb zener transient voltage suppressors, 180V 1500 Watt mosorb zener transient voltage suppressors, 250V
|
http:// ONSEMI[ON Semiconductor]
|
P4SMAJ16 |
400 Watt Transient Voltage Suppressors 5.0 to 170 Volts 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC
|
Micro Commercial Components, Corp.
|
1.5KE16CA |
1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts
|
Micro Commercial Components
|
P4SMAJ24A P4SMAJ18 P4SMAJ18A P4SMAJ22 P4SMAJ22A P4 |
400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
|
MCC[Micro Commercial Components]
|
P4SMAJ15A |
400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
|
Micro Commercial Compon...
|
P4SMAJ30 P4SMAJ20 P4SMAJ12A P4SMAJ7.0 P4SMAJ28CA P |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
|
Yea Shin Technology Co....
|
1SMA10CAT3-D |
400 Watt Peak Power Zener Transient Voltage Suppressors Bidirectional*
|
ON Semiconductor
|
P6KE18A P6KE22 P6KE36A P6KE6.8A P6KE7.5A P6KE160 P |
600 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 138.00 V. Test current IT = 1 mA. TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 600瓦特峰值功率瞬态电压抑制器 Power Amplifier Driver 32-VQFN -40 to 85 600瓦特峰值功率瞬态电压抑制器 600 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 284.00 V. Test current IT = 1 mA.
|
Shanghai Sunrise Electronics Bytes
|
P4SMA58A P4SMA8.0A P4SMA9.0A P4SMA210A P4SMA7.0A P |
SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATT, 5.0 THRU 220 VOLT
|
Central Semiconductor Corp Central Semiconductor C...
|
TVS-P4KE P4KE530A |
Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 550 Volts 400 Watt Peak Power/1.0Watt Steady State
|
StarHope
|
1SMB33CAT3G 1SMB36CAT3G 1SMBXXCAT3G 1SMB10CAT3 1SM |
Watt Peak Power Zener Transient Voltage Suppressors Watt Peak Power Zener Transient Voltage Suppressors 瓦峰值功率齐瞬态电压抑制器 Watt Peak Power Zener Transient Voltage Suppressors 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
ONSEMI[ON Semiconductor]
|