PART |
Description |
Maker |
IRFR130 IRFR130A IRFU130A IRFR130ATF IRFR130ATM IR |
Avalanche Rugged Technology N-CHANNEL POWER MOSFET 100V N-Channel A-FET Advanced Power MOSFET 先进的功率MOSFET (IRFR130A / IRFU130A) Advanced Power MOSFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
SI4860DY |
N-Channel MOSFET, 30V(D-S) , Reduced Qg, Fast-Switching N沟道MOSFET0V(D-S),Qg,快速开 N-Channel Reduced Qg, Fast Switching MOSFE
|
Vishay Intertechnology, Inc. Vishay Siliconix
|
AT91R40008 AT91FR40161 AT91FR40162 AT91FR4042 AT91 |
The AT91R40807 features 136K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features. The AT91R40008 features 256K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-scan cells on digital p The AT91M40800 features 8K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features. The AT91FR4042 features 256K bytes of on-chip SRAM, 512K bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-sc The AT91FR40162 features 256K bytes of on-chip SRAM, 2M bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-sca The AT91FR40161 features 136 K bytes of on-chip SRAM, 2M bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91x40 Series does not feature boundary-scan AT91 ARM Thumb Microcontrollers
|
ATMEL Corporation
|
STD3LN62K3 STF3LN62K3 STP3LN62K3 STU3LN62K3 |
N-channel 620 V, 2.5 Ohm, 2.5 A SuperMESH3(TM) Power MOSFET DPAK N-channel 620 V, 2.5 Ω , 2.5 A SuperMESH3 Power MOSFET DPAK, TO-220FP, TO-220, IPAK N-channel 620 V, 2.5 Ω , 2.5 A SuperMESH3 Power MOSFE DPAK, TO-220FP, TO-220, IPAK N-channel 620 V, 2.5 Ohm, 2.5 A SuperMESH3(TM) Power MOSFET IPAK
|
STMicroelectronics STATEK CORPORATION ST Microelectronics
|
IRF7380QPBF IRF7380QPBF10 |
3.6 A, 80 V, 0.073 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA Advanced Process Technology Ultra Low On-Resistance
|
International Rectifier
|
RU60E25L |
N-Channel Advanced Power MOSFET
|
Ruichips Semiconductor Co., Ltd
|
RU4099Q RU4099R |
N-Channel Advanced Power MOSFET
|
Ruichips Semiconductor Co., Ltd
|
RU40120R |
N-Channel Advanced Power MOSFET
|
Ruichips Semiconductor Co., Ltd
|
RU3568R |
N-Channel Advanced Power MOSFET
|
Ruichips Semiconductor Co., Ltd
|
RU3568L |
N-Channel Advanced Power MOSFET
|
Ruichips Semiconductor Co., Ltd
|
|