PART |
Description |
Maker |
N411052 |
Contact Ratings:25mA, 24VDC.
|
E-SWITCH
|
N800302 |
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
|
E-SWITCH
|
0E2300K0 0E2350H0 0E3350H0 E21-E36 E23-50H 0E2100K |
MINIATURE Switch E21-E36 Series Not recommended for new designs Please review our D4 series 8 Contact Ratings DC ratings optional
|
Cherry Semiconductor Corporation Cherry Semiconductor Corpor... Cherry Semiconductor Co...
|
FTR-K1AL018W-LB-RG FTR-K1AL018W-LA-RG FTR-K1CK048W |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.014A (COIL), 18VDC (COIL), 250mW (COIL), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.009A (COIL), 48VDC (COIL), 430mW (COIL), 12A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.08A (COIL), 5VDC (COIL), 400mW (COIL), 12A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.021A (COIL), 12VDC (COIL), 250mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.067A (COIL), 6VDC (COIL), 400mW (COIL), 12A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.017A (COIL), 24VDC (COIL), 400mW (COIL), 12A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
FUJITSU Component., Ltd. Fujitsu, Ltd.
|
195-MB02 195-MB22 195-MB40 195-MB11 199-MXM1 100-M |
CONTACTOR 9A 24VDC 接触9A4Vdc CONTACTOR 5A 24VAC CONTACTOR 12A 24VDC CONTACTOR 5A 24VDC CONTACTOR 12A 24VAC CONTACTOR 9A 230VAC CONTACTOR 9A 24VAC CONTACTOR 5A 110VAC CONTACTOR 12A 110VAC MECHANICAL INTERLOCK AC CONTACT BLOCK AUX 1N0/1NC CONTACT BLOCK AUXILIARY 4NO CONTACT BLOCK AUX 2N0/2NC CONTACT BLOCK AUXILIARY 2NC
|
Princeton Technology, Corp.
|
MY3-D6VDC MY4-02220/240VAC MY4-026VDC MY348VDC MY4 |
POWER/SIGNAL RELAY, 3PDT, MOMENTARY, 0.15A (COIL), 6VDC (COIL), 900mW (COIL), 5A (CONTACT), 24VDC (CONTACT), SOCKET MOUNT POWER/SIGNAL RELAY, 4PDT, MOMENTARY, 1100mW (COIL), 3A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, 4PDT, MOMENTARY, 0.15A (COIL), 6VDC (COIL), 900mW (COIL), 3A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, 3PDT, MOMENTARY, 0.019A (COIL), 48VDC (COIL), 900mW (COIL), 5A (CONTACT), 24VDC (CONTACT), SOCKET MOUNT POWER/SIGNAL RELAY, 4PDT, MOMENTARY, 1200mW (COIL), 3A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, 4PDT, MOMENTARY, 0.019A (COIL), 48VDC (COIL), 900mW (COIL), 3A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, 4PDT, MOMENTARY, 0.01A (COIL), 110VDC (COIL), 900mW (COIL), 3A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
|
DAR72410F DAR72410P DAR72410S DAR72415F DAR72415P |
DRY REED RELAY, SPST, MOMENTARY, 0.031A (COIL), 24VDC (COIL), 744mW (COIL), 3A (CONTACT), 1000VDC (CONTACT), PANEL MOUNT DRY REED RELAY, SPST, MOMENTARY, 0.031A (COIL), 24VDC (COIL), 744mW (COIL), 3A (CONTACT), 1000VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT DRY REED RELAY, SPST, MOMENTARY, 0.069A (COIL), 24VDC (COIL), 1656mW (COIL), 2A (CONTACT), 10000VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT high voltage reed relays 15kV, 50W
|
CYNERGY3 CORP ETC List of Unclassifed Manufacturers
|
GBL210 GBL208 |
Maximum Ratings & Thermal Characteristics Ratings at 25ambient temperature unless otherwise specified.
|
乐山无线电股份有限公
|
V23079H1205B301 |
RF RELAY, DPDT, LATCHED, 0.006A (COIL), 24VDC (COIL), 140mW (COIL), 2A (CONTACT), 220VDC (CONTACT), 900MHz, SURFACE MOUNT-STRAIGHT
|
TYCO ELECTRONICS ELCON
|
JS-18MD-K |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.012A (COIL), 18VDC (COIL), 225mW (COIL), 8A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
FUJITSU COMPONENT LTD
|
|