PART |
Description |
Maker |
IRLR024TR IRLR024TRLPBF IRLR024PBF |
Trans MOSFET N-CH 60V 14A 3-Pin(2 Tab) DPAK T/R TRANSISTOR 14 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252, ROHS COMPLIANT, DPAK-3, FET General Purpose Power
|
Vishay Siliconix
|
NTD95N02R NTD95N02R-001 NTD95N02R-001G NTD95N02RG |
Power MOSFET 24V, 95 A, N-Channel Single DPAK Power MOSFET 24V, 95 A, N-Channel Single DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 32 A, 24 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24V, 95 A, N-Channel Single DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Rail; Qty per Container: 75 32 A, 24 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 95 Amps, 24 Volts N−Channel DPAK
|
ON Semiconductor
|
NTD5406NT4G NTD5406N |
Power MOSFET, 40 V, 70 A, Single N-Channel Power MOSFET 40 V, 70 A, Single N-Channel, DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 12.2 A, 40 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
ZXMN3A04KNBSP ZXMN3A04K ZXMN3A04KTC UZXMN3A04KTC |
30V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK From old datasheet system 12 A, 30 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET DPAK-3
|
Diodes ZETEX[Zetex Semiconductors] Samtec, Inc.
|
STP5NK50Z STP5NK50ZFP STB5BK50Z-1 STB5NK50Z STD5NK |
N-CHANNEL500V-1.22ohm-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH?Power MOSFET N-CHANNEL500V-1.22ohm-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESHPower MOSFET N-CHANNEL 500V - 1.22 OHM - 4.4A TO-220/TO-220FP/DPAK/IPAK/I2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL500V-1.22ohm-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH⑩Power MOSFET In Line Fuse Holder; Body Material:Thermoset ; Leaded Process Compatible:Yes; Mounting Type:In Line; Voltage Rating:32V
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
NTD4809N NTD4809N-1G NTD4809N-35G NTD4809NT4G |
Power MOSFET 30 V, 58 A, Single N--Channel, DPAK/IPAK Power MOSFET 30 V, 58 A, Single N-Channel, DPAK/IPAK; Package: 3.5 mm IPAK, Straight Lead; No of Pins: 3; Container: Rail; Qty per Container: 75 9 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
STD3NK80Z STF3NK80Z STP3NK80Z STD3NK80Z-1 STD3NK80 |
N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESHPower MOSFET N沟道800V 3.8W -.5a TO-220/FP/DPAK/IPAK齐保护的SuperMESH⑩功率MOSFET N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH⑩ Power MOSFET N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH Power MOSFET N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH?/a> Power MOSFET N-CHANNEL 800V - 3.8 OHM - 2.5A TO-220/FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
NTD20N06L-1G NTD20N06LG |
Power MOSFET 20 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK-3 (SINGLE GAUGE); No of Pins: 4; Container: Rail; Qty per Container: 75 20 A, 60 V, 0.048 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 20 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Rail; Qty per Container: 75 20 A, 60 V, 0.048 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
STD16NF06L STD16NF06LT4 STD16NF06L-1 |
N-CHANNEL 60V - 0.060 - 24A DPAK/IPAK STripFET II POWER MOSFET N-CHANNEL POWER MOSFET N-CHANNEL 60V - 0.060 & - 16A DPAK STripFET II POWER MOSFET
|
ST Microelectronics
|
STD90N03L STD90N03L-1 |
N-channel 30V - 0.005Ω - 80A - DPAK/IPAK STripFET?/a> III Power MOSFET N-channel 30V - 0.005ヘ - 80A - DPAK/IPAK STripFET⑩ III Power MOSFET N-CHANNEL 30V - 0.005ヘ - 80A - DPAK/IPAK STRIPFET⒙ III POWER MOSFET
|
STMicroelectronics
|
NTD4809NH-35G NTD4809NHT1G NTD4809NHT4G NTD4809NH |
Power MOSFET 30 V, 58 A, Single N−Channel, DPAK/IPAK 9 A, 30 V, 0.0125 ohm, N-CHANNEL, Si, POWER, MOSFET POWER MOSFET 30 V, 58 A, SINGLE N−CHANNEL, DPAK/IPAK
|
ON Semiconductor
|
|