PART |
Description |
Maker |
MN101C49G MN101C49K MX101C49 |
Microcomputers/Controllers Microcomputers / Controllers 8-bit single chip microcomputer with ROM : 128K (x8-bit) / RAM : 4096 (x8-bit)
|
http:// PANASONIC[Panasonic Semiconductor] ETC
|
ADSP-2163KP-100 ADSP-2166KS-66 ADSP-2166BS-66 ADSP |
DSP Microcomputers with ROM RECTIFIER FAST-RECOVERY SINGLE 1.5A 100V 50A-ifsm 1V-vf 50ns 5uA-ir DO-15 1K/BULK 100V 1A ULTRA FAST LOW-LOSS CONTROLLED AVALANCHE RECTIFIER, SMA US1 SERIES, DO- DSP Microcomputers with ROM 24-BIT, 16.67 MHz, OTHER DSP, PQCC68 DSP Microcomputers with ROM 24-BIT, 10.24 MHz, OTHER DSP, PQCC68 DSP Microcomputers with ROM 24-BIT, 20 MHz, OTHER DSP, PQFP80
|
Analog Devices, Inc. ANALOG DEVICES INC http://
|
HD614042 |
4 Bit CMOS Microcomputers
|
RENESAS
|
GMS81008 GMS81016 GMS81024 GMS81032 GMS81004 |
8-BIT SINGLE CHIP MICROCOMPUTERS
|
HYNIX[Hynix Semiconductor]
|
ADAM24C20 |
4-BIT SINGLE CHIP MICROCOMPUTERS
|
ETA Chips
|
GMS37140T GMS36004 GMS36004T GMS36112 GMS36112T GM |
4-BIT SINGLE CHIP MICROCOMPUTERS
|
HYNIX[Hynix Semiconductor]
|
GMS30000EVA GMS30004 GMS30012 GMS30112 GMS30140 GM |
4-BIT SINGLE CHIP MICROCOMPUTERS
|
HYNIX[Hynix Semiconductor] HYMIX
|
MN101CD0D |
8-bit Microcomputers MN101C Series
|
Panasonic
|
HD614045 |
(HD614042 - HD614048) 4 Bit CMOS Microcomputers
|
Renesas
|
UPD75CG33E |
4-Bit Single-Chip CMOS Microcomputers
|
NEC
|