PART |
Description |
Maker |
E5561 |
e5561 Advance Information [Updated 4/03. 26 Pages] Read/Write transponder IC for contactless RF identification for highly sophisticated security Read/Write transponder IC for contactless RF identification for highly sophisticated security applications.
|
Atmel
|
29PL256N S29PL129N70GAW003 S29PL256N65GFWW03 |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 8M X 16 FLASH 3V PROM, 70 ns, PBGA64 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 16M X 16 FLASH 3V PROM, 65 ns, PBGA84
|
Spansion Inc. Spansion, Inc.
|
AM29PDL128G90 AM29PDL128G AM29PDL128G70 AM29PDL128 |
128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIO Control
|
SPANSION[SPANSION]
|
AM29PDL127H53VKI AM29PDL127H53VKIN AM29PDL127H88VK |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
EM4169B6WW11 EM4169B6WW7E EMMICROELECTRONIC-EM4169 |
128 bit Read/Write Contactless Identification Device with OTP function 128位读/写非接触识别装置的OTP功能
|
EM Microelectronic
|
S29WS128J |
128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
|
Spansion Inc.
|
TK5561A-PP |
READ/WRITE CRYPTO TRANSPONDER FOR SHORT CYCLE TIME
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
S29NS-N07 |
256/128/64 Megabit (16/8/4M x 16-bit), CMOS 1.8 Volt-only Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
|
SPANSION
|
SA712032COB SA712064COB |
128 Bit Read-only Biphase Coded Transponder
|
Sames
|
S29WS-P07 S29WS512PABBAW000 S29WS256PABBAW000 S29W |
MirrorBit㈢ Flash Family 512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
|
SPANSION
|
CY14C101J CY14B101J2-SXIT CY14E101J |
1-Mbit (128 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
|
Cypress Semiconductor
|