PART |
Description |
Maker |
1N2981D 1N2987C 1N2973D 1N2987D 1N2989C 1N2980D 1N |
Diode Zener Single 17V 5% 10W 2-Pin DO-4 Diode Zener Single 25V 5% 10W 2-Pin DO-4 Diode Zener Single 9.1V 5% 10W 2-Pin DO-4 Diode Zener Single 30V 5% 10W 2-Pin DO-4 Diode Zener Single 16V 5% 10W 2-Pin DO-4 Diode Zener Single 7.5V 5% 10W 2-Pin DO-4 Diode Zener Single 24V 5% 10W 2-Pin DO-4 Diode Zener Single 175V 20% 10W 2-Pin DO-4 Diode Zener Single 50V 5% 10W 2-Pin DO-4 Diode Zener Single 43V 5% 10W 2-Pin DO-4 Diode Zener Single 56V 5% 10W 2-Pin DO-4 Diode Zener Single 13V 5% 10W 2-Pin DO-4 Diode Zener Single 8.2V 5% 10W 2-Pin DO-4 Diode Zener Single 15V 5% 10W 2-Pin DO-4 Diode Zener Single 27V 5% 10W 2-Pin DO-4 Diode Zener Single 18V 5% 10W 2-Pin DO-4 Diode Zener Single 105V 5% 10W 2-Pin DO-4 Diode Zener Single 52V 5% 10W 2-Pin DO-4 Diode Zener Single 47V 10% 10W 2-Pin DO-4 Diode Zener Single 36V 10% 10W 2-Pin DO-4 Diode Zener Single 36V 5% 10W 2-Pin DO-4 Diode Zener Single 51V 5% 10W 2-Pin DO-4 Diode Zener Single 47V 5% 10W 2-Pin DO-4
|
New Jersey Semiconductor
|
1N5756D 1N5749D 1N5739D 1N5728C 1N5742C 1N5747D 1N |
Diode Zener Single 68V 1% 500mW 2-Pin DO-35 Diode Zener Single 36V 1% 500mW 2-Pin DO-35 Diode Zener Single 13V 1% 500mW 2-Pin DO-35 Diode Zener Single 4.7V 2% 500mW 2-Pin DO-35 Diode Zener Single 18V 2% 500mW 2-Pin DO-35 Diode Zener Single 30V 1% 500mW 2-Pin DO-35 ZENER VOLTAGE 4.7 TO 75V
|
New Jersey Semiconductors New Jersey Semi-Conductor P... New Jersey Semi-Conduct...
|
NVS0.3CH-M6 NVS0.3CJ-M6 NVS0.3EH-M6 NVS0.3EJ-M6 NV |
Solid-State Time-Delay Relay NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ??.0V, ??2V, ??5V & ??4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ??拷.0V, ??拷2V, ??拷5V & ??拷4V Outputs Medical Grade Power Supply; Series:MWA 100; Output Voltage:12V; Output Power Max:100W; Output Current:8.3A; No. of Outputs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes NV系列 - 6W DC / DC转换9 - 36V的,18 - 36V的,36 - 72V NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, .0V, 2V, 5V & 4V Outputs NV系列 - 6W DC / DC转换9 - 36V的,18 - 36V的,36 - 72V 1-OUTPUT DC-DC REG PWR SUPPLY MODULE SURFACE MOUNT PACKAGE-14 2-OUTPUT DC-DC REG PWR SUPPLY MODULE SURFACE MOUNT PACKAGE-14 Medical Grade Power Supply; Series:MWA 100; Output Voltage:15V; Output Power Max:100W; Output Current:6.7A; No. of Outputs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes INTEGRATED CKT STATIC SENS NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, .0V, 2V, 5V & 4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ?.0V, ?2V, ?5V & ?4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V / 18-36V / 36-72V & 16-75V Inputs 3.3V / 5.0V / 12V / 15V / 5.0V / 12V / 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V 18-36V 36-72V & 16-75V Inputs 3.3V 5.0V 12V 15V 5.0V 12V 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 5.0V, 12V, 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 【5.0V, 【12V, 【15V & 【24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ±5.0V, ±12V, ±15V & ±24V Outputs
|
Power-One, Inc. POWER-ONE[Power-One]
|
BD9E101FJ-LB BD9E101FJ-LBH2 |
7.0V to 36V Input, 1.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
|
Rohm
|
MAX44244 |
36V, Precision, Low-Power, 90碌A, Single/Quad/Dual Op Amps
|
Maxim Integrated Products, Inc.
|
M38037M6-122FP M38037M6-133FP M38037M6-154FP M3803 |
RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3803/04 Group: General Purpose, with Flash RAM size: 256bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 3804bytes single chip 8-bit CMOS microcomputer RAM size: 192bytes single chip 8-bit CMOS microcomputer
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
LX160VB33RM16X25LL LXA10VB102M12X20LL LXA10VB221M8 |
LXA/LX Series 拉萨/ LX系列 VARISTOR METAL-OXIDE 18V 0.015J 475V-CV 1-ELEMENT SMD-0603 SN100 TR-7-PL VARISTOR METAL-OXIDE 18V 475V-CV 4-ELEMENT SMD-0612 SN100 TR-7-PL Varistor; Package/Case:0805; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5.6V; Output Current Max:0.75A; Output Voltage Max:18V From old datasheet system
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers ETC[ETC]
|
M38869FFAGP M38869FFAHP M38869M8A-012HP M38869M8A- |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 256bytes single chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer 3885 Series Microcontrollers: Keyboard Controller for Notebook PC 3886GROUP RAM size: 192bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
ISL70218SEHF/PROTO 5962R1222201V9A 5962R1222201VXC |
Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
|
Intersil Corporation
|
TC7662A02 TC7662AMJA TC7662ACPA TC7662AEPA TC7662A |
Charge Pump DC-to-DC Converter The TC7662A is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 3V to 18V input to a corresponding –3V to –18V output using only two low-cost capacitors, eliminating induct
|
MICROCHIP[Microchip Technology]
|
LTM8025EVPBF LTM8025 LTM8025EV LTM8025IV LTM8025IV |
36V, 3A Step-Down 楼矛Module Converter 36V, 3A Step-Down μModule Converter
|
Linear Technology
|
|