PART |
Description |
Maker |
ADM3486EARZ-REEL7 ADM3483EARZ-REEL7 |
3.3 V, 5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 3.3 V, 15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers 3.3伏特,15千伏ESD保护,半和全双工,RS-485/RS-422收发
|
Analog Devices, Inc.
|
ISL81483 ISL81487 |
1/8 Unit Load, Half Duplex, 5V, Low Power, Slew Rate Limited, RS-485/RS-422 Transceiver, With Rx/Tx Enables and Low Power SHDN 1/8 Unit Load, Half Duplex, 5V, Low Power, High Speed, RS-485/RS-422 Transceiver, With Rx/Tx Enables
|
Intersil
|
ADM485EARZ-REEL7 ADM487EARZ-REEL7 ADM1487EARZ ADM1 |
5 V, 5 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers 5 V, 15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices, Inc.
|
ISL81487 ISL81483 ISL8487 |
1/4 Unit Load, Half Duplex, 5V, Low Power, Slew Rate Limited, RS-485/RS-422 Transceiver
|
Intersil
|
OTS-1V2ATR1DTR1ETR |
Optiva Standard, 1 Composite Video, 2 Duplex Analog Audio,1 Duplex RS-232/422/485 and 1 Duplex 10/100 Mbps Ethernet
|
Opticomm Corporation
|
EMIF02-MIC02 |
5V, Half Duplex, 250kbps Slew Rate Limited, ±15kV ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-PDIP 2线EMI滤波器和ESD保护 5V, Half Duplex, 250kbps Slew Rate Limited, ±15kV ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-PDIP 2 LINES EMI FILTER AND ESD PROTECTION
|
Bourns, Inc. ST Microelectronics
|
EKLDL080 EKLPG080 EKLPG045 EKLPG050 |
Logic IC Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer; Temperature Range: -40°C to 85°C; Package: 20-QFN 3.3V, Half Duplex, 30Mbps, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 3.3V, Half Duplex, 30Mbps, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 逻辑IC Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R
|
|
OTS-1VRDRT-A3_A2-FC-IC OTS-1VRDRT-A3_A2-LC-IC OTS- |
Optiva Standard, 1 Composite Video and 1 Duplex RS-232/422/485 Data Optiva垄芒 Standard, 1 Composite Video and 1 Duplex RS-232/422/485 Data
|
Opticomm Corporation
|
OTS-32DTR |
Optiva Standard, 32 Duplex RS-232/422/485 Data
|
Opticomm Corporation
|
ISL8488E ISL8491E ISL8489EIB ISL8489EIB-T ISL8489E |
15kV ESD Protected, 5V, Low Power, High Speed, Full Duplex, RS-485/RS-422 Transceivers -15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers 卤15kV ESD Protected, 5V, Low Power,
High Speed and Slew Rate Limited, Full
Duplex, RS-485/RS-422 Transceivers ±15kV ESD Protected, 5V, Low Power,
High Speed and Slew Rate Limited, Full
Duplex, RS-485/RS-422 Transceivers
|
INTERSIL[Intersil Corporation]
|
ADM2491EBRWZ ADM2491EBRWZ-REEL7 |
High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver; No of Pins: 16; Temperature Range: Industrial High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
|
ANALOG DEVICES INC
|
|